Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN336P Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDN336P
Description  Single P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN336P Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDN336P_05 Datasheet HTML 1Page - Fairchild Semiconductor FDN336P_05 Datasheet HTML 2Page - Fairchild Semiconductor FDN336P_05 Datasheet HTML 3Page - Fairchild Semiconductor FDN336P_05 Datasheet HTML 4Page - Fairchild Semiconductor FDN336P_05 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDN336P Rev.D
0.0001
0.001
0.01
0.1
1
10
100 300
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=270°C/W
T = 25°C
θJA
A
Figure 10. Single Pulse Maximum Power
Dissipation.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
R
(t) = r(t) * R
R
= 270 °C/W
Duty Cycle, D = t /t
1
2
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
0.1
0.2
0.5
1
2
5
10
20
40
100
200
400
700
-V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical Characteristics
(continued)
0
1
2
3
4
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
V
= -5V
DS
-15V
I
= -1.3A
D
-10V
0.2
0.5
1
3
5
10
30
0.01
0.03
0.1
0.3
1
3
10
30
-V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
DS
V
= -4.5V
SINGLE PULSE
R
= 270°C/W
T
= 25°C
θJA
GS
A
DC
1s
100ms
10ms
1ms
10s
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Numéro de pièce similaire - FDN336P_05

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
FDN336P-NL VBSEMI-FDN336P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - FDN336P_05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com