Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN304P Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN304P
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN304P Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN304P_01 Datasheet HTML 1Page - Fairchild Semiconductor FDN304P_01 Datasheet HTML 2Page - Fairchild Semiconductor FDN304P_01 Datasheet HTML 3Page - Fairchild Semiconductor FDN304P_01 Datasheet HTML 4Page - Fairchild Semiconductor FDN304P_01 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 2001
2001 Fairchild Semiconductor Corporation
FDN304P Rev C(W)
FDN304P
P-Channel 1.8V Specified PowerTrench
MOSFET
General Description
This
P-Channel
1.8V
specified
MOSFET
uses
Fairchild’s advanced low voltage PowerTrench process.
It has been optimized for battery power management
applications.
Applications
• Battery management
• Load switch
• Battery protection
Features
• –2.4 A, –20 V. R
DS(ON) = 52 m
Ω @ V
GS = –4.5 V
RDS(ON) = 70 m
Ω @ V
GS = –2.5 V
RDS(ON) = 100 m
Ω @ V
GS = –1.8 V
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
• SuperSOTTM -3 provides low R
DS(ON) and 30% higher
power handling capability than SOT23 in the same
footprint
G
D
S
SuperSOT -3
TM
D
S
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current
– Continuous
(Note 1a)
–2.4
A
– Pulsed
–10
Maximum Power Dissipation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
304
FDN304P
7’’
8mm
3000 units


Numéro de pièce similaire - FDN304P_01

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
FDN304P-3 KEXIN-FDN304P-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDN304P-NL VBSEMI-FDN304P-NL Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN304PZ FAIRCHILD-FDN304PZ Datasheet
123Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDN304PZ-NL VBSEMI-FDN304PZ-NL Datasheet
1,003Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Description similaire - FDN304P_01

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com