Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APT2X101DQ100J Fiches technique(PDF) 4 Page - Microsemi Corporation

No de pièce APT2X101DQ100J
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT2X101DQ100J Fiches technique(HTML) 4 Page - Microsemi Corporation

  APT2X101DQ100J Datasheet HTML 1Page - Microsemi Corporation APT2X101DQ100J Datasheet HTML 2Page - Microsemi Corporation APT2X101DQ100J Datasheet HTML 3Page - Microsemi Corporation APT2X101DQ100J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APT2x101_100DQ100J
4
3
1
2
5
5
Zero
1
2
3
4
diF/dt - Rate of Diode Current Change Through Zero Crossing.
IF - Forward Conduction Current
IRRM - Maximum Reverse Recovery Current.
trr - Reverse Recovery Time, measured from zero crossing where diode
Qrr - Area Under the Curve Defined by IRRM and trr.
current goes from positive to negative, to the point at which the straight
line through IRRM and 0.25 IRRM passes through zero.
Figure 9. Diode Test Circuit
Figure 10, Diode Reverse Recovery Waveform and Definitions
0.25 IRRM
PEARSON 2878
CURRENT
TRANSFORMER
diF/dt Adjust
30µH
D.U.T.
+18V
0V
trr/Qrr
Waveform
Vr
APT75GP1200
Anode 1
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches)
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4 H100
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
Anode 2
Anti-parallel
Parallel
Cathode 1
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
Cathode 2
Anode 1
Cathode 2
Anode 2
Cathode 1
SOT-227 (ISOTOP®) Package Outline
APT2x100DQ100J
APT2x101DQ100J
ISOTOP® is a registered trademark of ST Microelectronics NV. Microsemi's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234
5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IRG4PC50UDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
10ETF06PBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1  2  3  4  5  More International Rectifier
HFA140NH60 Ultrafast Soft Recovery Diode 1  2  3  4  5  International Rectifier
10ETF10FP FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
10ETF12PBF FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
IRGP4063DPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
HFA25TB60S Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
60EPU02PBF Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
HFA08PB60 Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
IRG4BC10SDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn