Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD6637 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FDD6637
Description  35V P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6637 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FDD6637_06 Datasheet HTML 1Page - Fairchild Semiconductor FDD6637_06 Datasheet HTML 2Page - Fairchild Semiconductor FDD6637_06 Datasheet HTML 3Page - Fairchild Semiconductor FDD6637_06 Datasheet HTML 4Page - Fairchild Semiconductor FDD6637_06 Datasheet HTML 5Page - Fairchild Semiconductor FDD6637_06 Datasheet HTML 6Page - Fairchild Semiconductor FDD6637_06 Datasheet HTML 7Page - Fairchild Semiconductor FDD6637_06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FDD6637 Rev. C2(W)
www.fairchildsemi.com
Typical Characteristics
0
2
4
6
8
10
0
10
20
30
40
50
Qg, GATE CHARGE (nC)
ID = -14A
VDS = 10V
20V
30V
0
800
1600
2400
3200
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance Characteristics
0.01
0.1
1
10
100
1000
0
0
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 96
o
C/W
TA = 25
o
C
10ms
1ms
100µs
10s
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 96°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area
Figure 10. Single Pulse Maximum
Power Dissipation
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 96°C/W
TA = 25°C
1
10
100
1000
0.001
0.01
0.1
1
10
tAV, TIME IN AVANCHE(ms)
TJ = 25
o
C
Figure 11. Single Pulse Maximum Peak
Current
Figure 12. Unclamped Inductive
Switching Capability


Numéro de pièce similaire - FDD6637_06

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637_10 Datasheet
334Kb / 7P
   P-Channel PowerTrench짰 MOSFET -35V, -21A, 18m廓
More results

Description similaire - FDD6637_06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637 Datasheet
111Kb / 7P
   35V P-Channel PowerTrench-R MOSFET
FDD6635 FAIRCHILD-FDD6635 Datasheet
203Kb / 8P
   35V N-Channel PowerTrench MOSFET
logo
Diodes Incorporated
ZXM64P035L3 DIODES-ZXM64P035L3 Datasheet
112Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P035G ZETEX-ZXM64P035G Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
FDMC5614P FAIRCHILD-FDMC5614P Datasheet
263Kb / 7P
   P-Channel PowerTrench MOSFET
FDC365P FAIRCHILD-FDC365P_07 Datasheet
308Kb / 6P
   P-Channel PowerTrench MOSFET
FDMC86265P FAIRCHILD-FDMC86265P Datasheet
288Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86163P FAIRCHILD-FDMS86163P Datasheet
333Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86263P FAIRCHILD-FDMS86263P Datasheet
351Kb / 8P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com