Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC6109 Fiches technique(PDF) 3 Page - Torex Semiconductor

No de pièce XC6109
Description  Voltage Detector with External Delay Type Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109 Fiches technique(HTML) 3 Page - Torex Semiconductor

  XC6109 Datasheet HTML 1Page - Torex Semiconductor XC6109 Datasheet HTML 2Page - Torex Semiconductor XC6109 Datasheet HTML 3Page - Torex Semiconductor XC6109 Datasheet HTML 4Page - Torex Semiconductor XC6109 Datasheet HTML 5Page - Torex Semiconductor XC6109 Datasheet HTML 6Page - Torex Semiconductor XC6109 Datasheet HTML 7Page - Torex Semiconductor XC6109 Datasheet HTML 8Page - Torex Semiconductor XC6109 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
XC6109
Series
12
3
4
MARK VOLTAGE (V) PRODUCT SERIES
MARK VOLTAGE (V) PRODUCT SERIES
A
0.x
XC6109C0xxNx
K
0.x
XC6109N0xxNx
B
1.x
XC6109C1xxNx
L
1.x
XC6109N1xxNx
C
2.x
XC6109C2xxNx
M
2.x
XC6109N2xxNx
D
3.x
XC6109C3xxNx
N
3.x
XC6109N3xxNx
E
4.x
XC6109C4xxNx
P
4.x
XC6109N4xxNx
F
5.x
XC6109C5xxNx
R
5.x
XC6109N5xxNx
MARK
VOLTAGE (V)
PRODUCT SERIES
N
x.0
XC6109xx0xNx
P
x.1
XC6109xx1xNx
R
x.2
XC6109xx2xNx
S
x.3
XC6109xx3xNx
T
x.4
XC6109xx4xNx
U
x.5
XC6109xx5xNx
V
x.6
XC6109xx6xNx
X
x.7
XC6109xx7xNx
Y
x.8
XC6109xx8xNx
Z
x.9
XC6109xx9xNx
PACKAGING INFORMATION
SSOT-24
MARKING RULE
SSOT-24
Represents output configuration and integer number of detect voltage
CMOS output (XC6109C Series)
N-ch Open Drain output (XC6109N Series)
Represents decimal number of detect voltage
Represents production lot number
0 to 9, A to Z or inverted characters of 0 to 9, A to Z repeated/
(G, I, J, O, Q, W excepted)
SSOT-24
(TOP VIEW)


Numéro de pièce similaire - XC6109

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109C08ANL TOREX-XC6109C08ANL Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109C08ANR TOREX-XC6109C08ANR Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109C09ANL TOREX-XC6109C09ANL Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109C09ANR TOREX-XC6109C09ANR Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
More results

Description similaire - XC6109

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Texas Instruments
BQ771600 TI1-BQ771600_15 Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com