Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC9508 Fiches technique(PDF) 6 Page - Torex Semiconductor

No de pièce XC9508
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9508 Fiches technique(HTML) 6 Page - Torex Semiconductor

Back Button XC9508 Datasheet HTML 2Page - Torex Semiconductor XC9508 Datasheet HTML 3Page - Torex Semiconductor XC9508 Datasheet HTML 4Page - Torex Semiconductor XC9508 Datasheet HTML 5Page - Torex Semiconductor XC9508 Datasheet HTML 6Page - Torex Semiconductor XC9508 Datasheet HTML 7Page - Torex Semiconductor XC9508 Datasheet HTML 8Page - Torex Semiconductor XC9508 Datasheet HTML 9Page - Torex Semiconductor XC9508 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
XC9508 Series
Data Sheet
ud200541
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VROUT(E)
IROUT=30mA
1.764
1.800
1.836
V
2
Maximum Output Current
Imax2
200
-
-
mA
2
Load Regulation
VROUT
1mA≦IROUT≦100mA
-
15
50
mV
2
Dropout Voltage 1 (*6)
Vdif 1
IROUT=30mA
-
30
200
mV
2
Dropout Voltage 2
Vdif 2
IROUT=100mA
-
100
200
mV
2
Line Regulation
VROUT
VIN・VROUT
IROUT=30mA
VROUT(T)+1V≦VIN≦6V
-
0.05
0.25
%/V
2
Current Limit
Ilim2
VROUT=VROUT(E) x 0.9
240
300
-
mA
7
Short-Circuit Current
Ishort
VROUT=VSS
-
30
-
mA
7
Ripple Rejection Rate
PSRR
VIN={VOUT(T)+1.0} VDC+0.5Vp-pAC,
IROUT=30mA, f=1kHz
-
60
-
dB
12
Output Voltage
Temperature Characteristics
VROUT
Topr・VROUT
IROUT=30mA
-40℃≦Topr≦85℃
-
±
100
-
ppm/
2
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Detect Voltage
VDF(E)
CE=0V
2.646
2.700
2.754
V
8
Hysteresis Range
VHYS
VHYS=[VDR(E)
(*11) - VDF(E)] / VDF(E) x 100
2
5
8
%
8
VD Output Current
IVD
VDOUT=0.5V, CE=0V
1
-
-
mA
9
Output Voltage
Temperature Characteristics
VDF
Topr・VDF
-40℃≦Topr≦85℃
-
±
100
-
ppm/
8
XC9508xxxCAx (Continued)
Regulator (1.8V product)
Topr=25℃
Detector (2.7V product)
Test conditions: Unless otherwise stated:
DC/DC : VIN=3.6V [@ DCOUT:2.2V]
VR: VIN = 2.8V (VIN=VROUT(T) + 1.0V)
VD: VIN=5.0V
Common conditions for all test items: CE=VIN, MODE=0V
* VROUT(T) : Setting output voltage
NOTE:
*1 : Including VD supply current (VD operates when in stand-by mode.)
*2 : Including hysteresis operating voltage range.
*3 : ON resistance (Ω)= 0.05 (V) / ILX (A)
*4 : EFFI = { ( Output Voltage x Output Current ) / ( Input Voltage x Input Current) } x 100
*5 : Time until it short-circuits DCOUT with GND through 1Ω of resistance from a state of operation and is set to DCOUT=0V from
current limit pulse generating.
*6 : Vdif = (VIN1
(*7) - VROUT1 (*8) )
*7 : VIN 1 = The input voltage when VROUT1 appears as input voltage is gradually decreased.
*8 : VROUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VROUT(T) + 1.0V} is input.
*9 : Current limit = When VIN is low, limit current may not be reached because of voltage falls caused by ON resistance or serial
resistance of coils.
*10: Integral latch circuit=latch time may become longer and latch operation may not work when VIN is 3.0V or more.
*11: VDR(E) = VD release voltage
*12: When temperature is high, a current of approximately 5.0μA (maximum) may leak.
ELECTRICAL CHARACTERISTICS (Continued)


Numéro de pièce similaire - XC9508

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
More results

Description similaire - XC9508

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com