Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC9508 Fiches technique(PDF) 2 Page - Torex Semiconductor

No de pièce XC9508
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9508 Fiches technique(HTML) 2 Page - Torex Semiconductor

  XC9508 Datasheet HTML 1Page - Torex Semiconductor XC9508 Datasheet HTML 2Page - Torex Semiconductor XC9508 Datasheet HTML 3Page - Torex Semiconductor XC9508 Datasheet HTML 4Page - Torex Semiconductor XC9508 Datasheet HTML 5Page - Torex Semiconductor XC9508 Datasheet HTML 6Page - Torex Semiconductor XC9508 Datasheet HTML 7Page - Torex Semiconductor XC9508 Datasheet HTML 8Page - Torex Semiconductor XC9508 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
XC9508 Series
Data Sheet
ud200541
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Control Methods and
the VD Sense Pin
As chart below
: -
②③
Setting Voltage &
Specifications
Internal
standard
: Setting voltage and specifications of each DC/DC, VR, and VD
(Based on the internal standard)
3
: 300kHz
6
: 600kHz
DC/DC Oscillation Frequency
C
: 1.2MHz
A
: MSOP-10, Current limiter: 1.1A (TYP.)
Package &
DC/DC Current limit
D
: USP-10, Current limiter: 0.7A (TYP.)
R
: Embossed Tape, standard feed
Device Orientation
L
: Embossed Tape, reverse feed
SERIES
DC/DC CONTROL METHODS
MODE PINS (H LEVEL)
MODE PINS (L LEVEL)
A
PWM Control
VR: OFF
VR: ON
XC9508
C
PWM, PFM/PWM Manual Switch
PFM / PWM Switch
PWM Control
PIN NUMBER
PIN NAME
FUNCTION
1
PGND
Power Ground
2
CE
Chip Enable
3
VDD
Power Supply
4
VDOUT
VD Output
5
VDIN
VD Input
6
AGND
Analog Ground
7
MODE
Mode Switch
8
VROUT
VR Output
9
DCOUT
DC/DC Output Sense
10
LX
Switch
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XC9508①②③④⑤⑥
The input for the voltage regulator block comes from the DC/DC.
PGND 1
CE 2
VDD 3
VDOUT 4
VDIN 5
10 LX
9 DCOUT
8 VROUT
7 MODE
6 AGND
*Please use the circuit without connecting the
heat dissipation pad. If the pad needs to be
connected to other pins, it should be
connected to the AGND pin.
USP-10 (BOTTOM VIEW)
Control Methods and MODE Pin
* The XC9508A series' MODE pin switches the regulator to the stand-by mode.
When the CE mode is off, every function except for the VD function enters into the stand-by mode.
(The MODE pin does not operate independently.)
MSOP-10 (TOP VIEW)


Numéro de pièce similaire - XC9508

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
More results

Description similaire - XC9508

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com