Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X1288V14-4.5A Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce X1288V14-4.5A
Description  2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1288V14-4.5A Fiches technique(HTML) 3 Page - Intersil Corporation

  X1288V14-4.5A Datasheet HTML 1Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 2Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 3Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 4Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 5Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 6Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 7Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 8Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
FN8102.3
April 14, 2006
PIN ASSIGNMENTS
Pin Number
Symbol
Brief Description
SOIC
TSSOP
11
X1
X1. The X1 pin is the input of an inverting amplifier. An external 32.768kHz quartz
crystal is used with the X1288 to supply a timebase for the real time clock. The
recommended crystal is a Citizen CFS206-32.768KDZF. Internal compensation circuitry is
included to form a complete oscillator circuit. Care should be taken in the placement of the
crystal and the layout of the circuit. Plenty of ground plane around the device and short
traces to X1 are highly recommended. See Application section for more information.
22
X2
X2. The X2 pin is the output of an inverting amplifier. An external 32.768kHz quartz
crystal is used with the X1288 to supply a timebase for the real time clock. The
recommended crystal is a Citizen CFS206-32.768KDZF. Internal compensation circuitry is
included to form a complete oscillator circuit. Care should be taken in the placement of the
crystal and the layout of the circuit. Plenty of ground plane around the device and short
traces to X2 are highly recommended. See Application section for more information.
76
RESET
RESET Output – RESET. This is a reset signal output. This signal notifies a host
processor that the watchdog time period has expired or that the voltage has dropped
below a fixed VTRIP threshold. It is an open drain active LOW output. Recommended
value for the pullup resistor is 5k
Ω. If unused, tie to ground.
87
VSS
VSS.
98
SDA
Serial Data (SDA). SDA is a bidirectional pin used to transfer data into and out of the
device. It has an open drain output and may be wire ORed with other open drain or open
collector outputs. The input buffer is always active (not gated).
An open drain output requires the use of a pull-up resistor. The output circuitry controls
the fall time of the output signal with the use of a slope controlled pull-down. The circuit
is designed for 400kHz 2-wire interface speed.
10
9
SCL
Serial Clock (SCL). The SCL input is used to clock all data into and out of the device.
The input buffer on this pin is always active (not gated).
14
12
PHZ/IRQ
Programmable Frequency/Interrupt Output – PHZ/IRQ. This is either an output from
the internal oscillator or an interrupt signal output. It is a CMOS output.
When used as frequency output, this signal has a frequency of 32.768kHz, 100Hz, 1Hz
or inactive.
When used as interrupt output, this signal notifies a host processor that an alarm has
occurred and an action is required. It is an active LOW output.
The control bits for this function are FO1 and FO0 and are found in address 0011h of
the Clock Control Memory map. See “Programmable Frequency Output Bits - FO1,
FO0” on page 13.
15
13
VBACK
VBACK. This input provides a backup supply voltage to the device. VBACK supplies
power to the device in the event the VCC supply fails. This pin can be connected to a
battery, a Supercap or tied to ground if not used.
16
14
VCC
VCC.
X1288


Numéro de pièce similaire - X1288V14-4.5A

FabricantNo de pièceFiches techniqueDescription
logo
Xicor Inc.
X1288V14-4.5A XICOR-X1288V14-4.5A Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288V14-4.5A RENESAS-X1288V14-4.5A Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Description similaire - X1288V14-4.5A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com