Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL60002DIH320Z-TK Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL60002DIH320Z-TK
Description  Precision Low Power FGA??Voltage References
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002DIH320Z-TK Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL60002DIH320Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002DIH320Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
FN8082.7
August 1, 2006
Absolute Maximum Ratings
Recommended Operating Conditions
Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to + 150°C
Max Voltage VIN to Gnd. . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
Max Voltage VOUT to Gnd*:
ISL60002, VOUT = 1.25V. . . . . . . . . . . . . . . . . . . . . -0.5V to +2.25V
ISL60002, VOUT = 2.50V. . . . . . . . . . . . . . . . . . . . . -0.5V to +3.50V
Voltage on “DNC” pins . . . . No connections permitted to these pins.
Lead Temperature, Soldering*(Note 5) . . . . . . . . . . . . . . . . . +225°C
*Maximum duration = 10s
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . -40°C to +85°C
Temperature Range (3.3V version) . . . . . . . . . . . . . -40°C to +105°C
ESD Ratings
MIL-STD-883, Method 3014
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .≥5kV
CAUTION: Absolute Maximum Ratings are limits which may result in impaired reliability and/or permanent damage to the device. These are stress ratings provided for
information only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification are not
implied.
For guaranteed specifications and test conditions, see Electrical Specifications.
The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
Electrical Specifications ISL60002-10, VOUT = 1.024V (Additional specifications on page 6, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
1.024
V
VOA
VOUT Accuracy (Note 5)
TA = +25°C
ISL60002B10
-1.0
+1.0
mV
ISL60002C10
-2.5
+2.5
mV
ISL60002D10
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-11, VOUT = 1.200V (Additional specifications on page 6, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
1.200
V
VOA
VOUT Accuracy (Note 5)
TA = +25°C
ISL60002B11
-1.0
+1.0
mV
ISL60002C11
-2.5
+2.5
mV
ISL60002D11
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-12, VOUT = 1.250V (Additional specifications on page 6, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
1.250
V
VOA
VOUT Accuracy (Note 5)
TA = +25°C
ISL60002B12
-1.0
+1.0
mV
ISL60002C12
-2.5
+2.5
mV
ISL60002D12
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
ISL60002


Numéro de pièce similaire - ISL60002DIH320Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL60002DIH320Z-TK INTERSIL-ISL60002DIH320Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH320Z-TK INTERSIL-ISL60002DIH320Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH320Z-TK INTERSIL-ISL60002DIH320Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL60002DIH320Z-TK RENESAS-ISL60002DIH320Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Description similaire - ISL60002DIH320Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com