Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL60007DIB825 Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL60007DIB825
Description  Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60007DIB825 Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL60007DIB825 Datasheet HTML 2Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 3Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 4Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 5Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 6Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 7Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 8Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 9Page - Intersil Corporation ISL60007DIB825 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN8087.3
April 21, 2006
FIGURE 22. NEGATIVE VOLTAGE REFERENCE
FIGURE 23. 2.5V FULL SCALE LOW-DRIFT 10-BIT ADJUSTABLE VOLTAGE SOURCE
Typical Application Circuits (Continued)
-2.5V
R1 LIMITS MAX LOAD CURRENT
VIN
VOUT
GND
ISL60007
CIN 0.001
COUT = 0.001µF
R1 = 200Ω
-3.0V
with R1 = 200Ω; ILOAD MAX = 2.5mA
2.5V-|VIN|
R1 =
-(IOUT)
; IOUT ≤ 7mA
VIN
VOUT
ISL60007
GND
2.7-5.5V
0.1µF
0.001µF
VOUT
+
VCC
RH
RL
X9119
VSS
SDA
SCL
2-WIRE BUS
VOUT
(BUFFERED)
10µF
EL8178
ISL60007


Numéro de pièce similaire - ISL60007DIB825

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL60007DIB825 INTERSIL-ISL60007DIB825 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
More results

Description similaire - ISL60007DIB825

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL60007 INTERSIL-ISL60007 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com