Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21400IU8Z-TK Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL21400IU8Z-TK
Description  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21400IU8Z-TK Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL21400IU8Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21400IU8Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21400IU8Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21400IU8Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21400IU8Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21400IU8Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21400IU8Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21400IU8Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21400IU8Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN8091.0
December 14, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 6.5V
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on VOUT Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to VCC
Voltage on All Other Pins . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3V
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Thermal Resistance (Typical, Note 15)
θ
JA (°C/ W)
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
130
Moisture Sensitivity for MSOP Package
(See Technical Brief TB363) . . . . . . . . . . . . . . . . . . . . . . . Level 2
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Recommended Operating Conditions
Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Analog Specifications
VCC = 5.5V, TA = 25°C to +85°C, unless otherwise noted
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
UNITS
POWER SUPPLY
VCC
Supply Voltage Range
2.7
3.0
5.5
V
IQ
Supply
VCC = 2.7V
Standby, SDA = SCL = VCC
200
400
µA
VCC = 5.5V
Standby, SDA = SCL = VCC
235
500
µA
IQ(NV)
Non-Volatile Supply
VCC = 2.7V
Nonvolatile write
500
750
µA
VCC = 5.5V
Nonvolatile write
1.3
1.6
mA
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall
occurs
2.0
2.6
V
VCC
Ramp
VCC Ramp Rate
0.2
V/ms
tD
Power-Up Delay
VCC above Vpor, time delay to Register
recall, and I2C Interface in standby state
3ms
OUTPUT VOLTAGE PERFORMANCE SPECIFICATIONS
GE1
Gain Error
AV = 2 (Notes 1, 3, 12)
-1
+1
%
GE2
Gain Error
AV = 4 (Notes 1, 3, 12)
-1
+1
%
K
Temperature Sensor Coefficient
(Notes 1, 8)
-2.2
-2.1
-2.0
mV/°C
Absolute Output Voltage (Swing) Range
Unloaded, TA = +25°C (Note 3)
VCC -
0.100
GND +
0.100
V
Absolute Output Voltage (Swing) Range
Loaded, IOUT = ±500µA (Note 3)
VCC -
0.250
GND +
0.250
V
TS1
Temperature Sensor Slope
AV = 1, n = 255, m = 255 (Notes 1, 6)
-2.1
mV/°C
TS2
Temperature Sensor Slope
AV = 2, n = 255, m = 255 (Notes 1, 6)
-4.2
mV/°C
TS3
Temperature Sensor Slope
AV = 4, n = 255, m = 255 (Notes 1, 6)
-8.4
mV/°C
TS4
Incremental Temperature Sensor Slope
AV = 1, n = 255, m = 0 to 255 (Notes 1, 10)
8.2
μV/°C
per Code
TSNL
Temperature Slope Non-Linearity
n = 255, m = 0 to 255, T = -40°C to +85°C
(Notes 1, 11)
±0.5
±1.0
%
DNL
DAC Relative Linearity (VCC =2.7 to 5.5V) VREF and Temp Sense; AV = 1 (Note 13)
-1.0
+1.0
LSB
INL
DAC Absolute Linearity (VCC = 2.7 to 5.5V) VREF and Temp Sense; AV = 1 (Note 13)
-3.0
+3.0
LSB
ISL21400


Numéro de pièce similaire - ISL21400IU8Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL21400IU8Z-TK RENESAS-ISL21400IU8Z-TK Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

Description similaire - ISL21400IU8Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL21400 RENESAS-ISL21400 Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com