Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55002 Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL55002
Description  High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55002 Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL55002 Datasheet HTML 3Page - Intersil Corporation ISL55002 Datasheet HTML 4Page - Intersil Corporation ISL55002 Datasheet HTML 5Page - Intersil Corporation ISL55002 Datasheet HTML 6Page - Intersil Corporation ISL55002 Datasheet HTML 7Page - Intersil Corporation ISL55002 Datasheet HTML 8Page - Intersil Corporation ISL55002 Datasheet HTML 9Page - Intersil Corporation ISL55002 Datasheet HTML 10Page - Intersil Corporation ISL55002 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN7497.4
July 27, 2006
FIGURE 23. LARGE SIGNAL RISE AND FALL TIMES
FIGURE 24. SMALL SIGNAL RISE AND FALL TIMES
FIGURE 25. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
20% to 80%
80% to 20%
20% to 80% 80% to 20%
25
20
15
10
5
0
06
9
12
15
3
SUPPLY VOLTAGES (±V)
AV=+1
RF=0Ω
RL=500Ω
CL=5pF
θJA=160°C/W
SO8
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
781mW
1.136W
θJA=110°C/W
SO8
1.8
1.6
1.4
0.8
0.6
0.2
0
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
1
1.2
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
ISL55002


Numéro de pièce similaire - ISL55002

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Renesas Technology Corp
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB INTERSIL-ISL55002IB Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Renesas Technology Corp
ISL55002IB RENESAS-ISL55002IB Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB-T13 INTERSIL-ISL55002IB-T13 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results

Description similaire - ISL55002

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com