Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7301PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF7301PBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7301PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF7301PBF Datasheet HTML 1Page - International Rectifier IRF7301PBF Datasheet HTML 2Page - International Rectifier IRF7301PBF Datasheet HTML 3Page - International Rectifier IRF7301PBF Datasheet HTML 4Page - International Rectifier IRF7301PBF Datasheet HTML 5Page - International Rectifier IRF7301PBF Datasheet HTML 6Page - International Rectifier IRF7301PBF Datasheet HTML 7Page - International Rectifier IRF7301PBF Datasheet HTML 8Page - International Rectifier IRF7301PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 95176
10/6/04
l
Generation V Technology
l
Ultra Low On-Resistance
l
Dual N-Channel Mosfet
l
Surface Mount
l
Available in Tape & Reel
l
Dynamic dv/dt Rating
l
Fast Switching
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and ruggedized device design that
HEXFET Power MOSFETs are well known for, provides the designer with an
extremely efficient device for use in a wide variety of applications.
The SO-8 has been modified through a customized leadframe for enhanced
thermal characteristics and multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple devices can be used in
an application with dramatically reduced board space. The package is designed
for vapor phase, infra red, or wave soldering techniques. Power dissipation of
greater than 0.8W is possible in a typical PCB mount application.
IRF7301PbF
SO-8
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ 4.5V
5.7
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
5.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
4.1
IDM
Pulsed Drain Current 
21
PD @TA = 25°C
Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
VDSS = 20V
RDS(on) = 0.050Ω
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient„
–––
62.5
°C/W
l
Lead-Free


Numéro de pièce similaire - IRF7301PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7301PBF IRF-IRF7301PBF_15 Datasheet
243Kb / 9P
   GENERATION V TECHNOLOGY
More results

Description similaire - IRF7301PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com