Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59442IBZ-T13 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL59442IBZ-T13
Description  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IBZ-T13 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL59442IBZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN7452.4
January 5, 2007
Absolute Maximum Ratings (TA = +25°C)
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/
μs
Digital and Analog Input Current (Note 1) . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . . 3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . . -40°C to 85°C
Operating Junction Temperature . . . . . . . . . . . . . . . -40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
θ
JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, Input Video = 1VP-P and RL = 500Ω to GND, VHIZ =0.8V,
Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
IS
Supply Current (VOUT = 0V)
No load, VHIZ = 0.8V
14.5
18
20
mA
No load, VHIZ = 2.0V
12
15.5
17.5
mA
VOUT
Positive and Negative Output Swing
VIN = ±3.5V, RL = 500Ω
±3.2
±3.44
V
IOUT
Output Current
RL = 10Ω to GND
±80
±120
±180
mA
VOS
Output Offset Voltage
-2
9
20
mV
Ib
Input Bias Current
VIN = 0V
-5
-2.5
-1
μA
Rout
Output Resistance
HIZ = logic high, (DC)
1.4
M
Ω
HIZ = logic low, (DC)
0.2
Ω
RIN
Input Resistance
VIN = ±3.5V
10
M
Ω
ACL or AV
Voltage Gain
VIN = ±1.5V, RL = 500Ω
0.999
1.001
1.003
V/V
ITRI
Output Current in Three-state
VOUT = 0V
-35
6
35
μA
LOGIC
VH
Input High Voltage (Logic Inputs)
2
V
VL
Input Low Voltage (Logic Inputs)
0.8
V
IIH
Input High Current (Logic Inputs)
50
90
150
μA
IIL
Input Low Current (Logic Inputs)
2
μA
AC GENERAL
-3dB BW
-3dB Bandwidth
VOUT = 200mVP-P, CL = 1.6pF
1.0
GHz
VOUT = 2VP-P, CL = 23.6pF, RS =25Ω
235
MHz
0.1dB BW
0.1dB Bandwidth
VOUT = 200mVP-P, CL = 1.6pF
100
MHz
VOUT = 2VP-P, CL = 23.6pF, RS =25Ω
35
MHz
dG
Differential Gain Error
NTC-7, RL = 150
0.01
%
dP
Differential Phase Error
NTC-7, RL = 150
0.02
°
+SR
Slew Rate
25% to 75%, VOUT = 5V,
RL = 525Ω, CL = 23.6pF
1452
V/
μs
-SR
Slew Rate
25% to 75%, VOUT = 5V,
RL = 525Ω, CL = 23.6pF
1124
V/
μs
ISL59442


Numéro de pièce similaire - ISL59442IBZ-T13

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59442IBZ-T13 INTERSIL-ISL59442IBZ-T13 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IBZ-T13 RENESAS-ISL59442IBZ-T13 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

Description similaire - ISL59442IBZ-T13

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com