Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFTBN/4EWPG Fiches technique(PDF) 1 Page - CamdenBoss Ltd.

No de pièce CFTBN/4EWPG
Description  5x20mm Fused Terminal Blocks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CAMDENBOSS [CamdenBoss Ltd.]
Site Internet  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFTBN/4EWPG Fiches technique(HTML) 1 Page - CamdenBoss Ltd.

  CFTBN/4EWPG Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pr oduct Ov ervie w
1 - 5 pole terminal strip with 5x20mm fuseholder
Integral spare fuse carrier
Interlocking fuseholder with CFTBN/1
Anti-rotation spigot
Cable entry 4mm2 (2.5mm2 with wire protector)
Wire protector on fuse terminal as standard
Wire protectors on earth pole to order
CE approved
EN60127 - Fuseholders
EN60998 - Terminal Blocks
UL approved - UL 1059
Call our sales team today on +44 (0)1638 716101
01
5x20mm Fused Terminal Blocks
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 5
SPECIFICATION
Rating
Fuseholder 250V AC / Terminal 450V AC
Current Rating
Fuseholder 13A / Terminal 20A
Moulding
UL94-V0 Flame Retardant PA66
Terminal
Brass, nickel plated
Fuse clip
Phosphor bronze
Wire protector
Stainless steel
Operating Temperature
-20° to 120°C
Fuse Size
5x20mm glass or ceramic
Screws
Steel zinc plated M3, 0.5Nm
GWIT
775°C
Cable CSA
4mm2 (2.5mm2 with wire protector)
Technical Da ta
P/N REF.
DESCRIPTION
CFTBN/x
Fused Terminal Block, M3 fixing hole and screw/washer
CFTBN/xNE
Fused Terminal Block, M3 fixing hole
CFTBN/xWP
Fused Terminal Block, wire protected terminals, no M3 fixing hole
CFTBN/xEWP
Fused Terminal Block, wire protected terminals, M3 fixing hole with
screw/washer
CFTBN/xEWPG
Fused Terminal Block, wire protected terminals/Earth, M3 fixing hole
with screw/washer
Technical Dr a wing
PART NO.
BODY
DIMENSIONS
(LENG TH)
FUSE WIRE
PROTECTOR
M3 FIXING
HOLE
FIXING
SCREW &
WA SHERS
EARTH
WIRE
PROTECTED
WIRE
PROTECTED
TERMINALS
CFTBN/1
16.1 mm
CFTBN/2
20.6 mm
CFTBN/3
30.8 mm
CFTBN/4
40.7 mm
CFTBN/5
50.9 mm
CFTBN/3NE
30.8 mm
CFTBN/4NE
40.7 mm
CFTBN/5NE
50.9 mm
CFTBN/3NS
30.8 mm
CFTBN/4NS
40.7 mm
CFTBN/5NS
50.9 mm
CFTBN/2WP
20.6 mm
CFTBN/3WP
30.8 mm
CFTBN/4WP
40.7 mm
CFTBN/5WP
50.9 mm
CFTBN/3EWP
30.8 mm
CFTBN/4EWP
40.7 mm
CFTBN/5EWP
50.9 mm
CFTBN/3EWPG
30.8 mm
CFTBN/4EWPG
40.7 mm
CFTBN/5EWPG
50.9 mm
CFTBN/ 5
Terminal C o v er
Accessory for CFTBN
Screw/dust protection
Easily cut to required size
PART NO.
POLES
CFTBN/3C
3 pole cover
CFTBN/5C
5 pole cover
RELATED
PRODUCT S
DESCRIPTION
CFB0520F
Glass 5x20mm quick blow fuses
CFB0520T
Glass 5x20mm time delay fuses
CFB0521CF
Ceramic 5x20mm quick blow fuses
CFB0521CT
Ceramic 5x20mm time delay fuses


Numéro de pièce similaire - CFTBN/4EWPG

FabricantNo de pièceFiches techniqueDescription
logo
Bertech.
CFT BERTECH-CFT Datasheet
435Kb / 1P
   Copper Conductive Tape RoHS & REACH Compliant
logo
Luminus, Inc
CFT-90-CG LUMINUS-CFT-90-CG Datasheet
1Mb / 13P
   Converted Green High Brightness Green LED
CFT-90-CG-L11-G100 LUMINUS-CFT-90-CG-L11-G100 Datasheet
1Mb / 13P
   Converted Green High Brightness Green LED
CFT-90-W LUMINUS-CFT-90-W Datasheet
1Mb / 13P
   Specialty White LED
CFT-90-WCS-X11-UA600 LUMINUS-CFT-90-WCS-X11-UA600 Datasheet
1Mb / 13P
   Specialty White LED
More results

Description similaire - CFTBN/4EWPG

FabricantNo de pièceFiches techniqueDescription
logo
CamdenBoss Ltd.
CMFTB CAMDENBOSS-CMFTB Datasheet
368Kb / 1P
   6.3x25mm fused terminal blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
logo
Dubilier
DBCFH1A-2 DUBILIER-DBCFH1A-2 Datasheet
73Kb / 1P
   FUSEHOLDER FUSED TERMINAL BLOCK
DBCFH1-3 DUBILIER-DBCFH1-3 Datasheet
103Kb / 1P
   FUSEHOLDER FUSED TERMINAL BLOCK
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
   BUCHANAN Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com