Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NEVH3.3M350 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NEVH3.3M350
Description  ALUMINUM ELECTROLYTIC 160V to 450V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NEVH3.3M350 Fiches technique(HTML) 1 Page - NTE Electronics

  NEVH3.3M350 Datasheet HTML 1Page - NTE Electronics NEVH3.3M350 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC 160V to 450V
NEVH, NEHH SERIES
5
NTE Electronics, Inc.
D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
SUBMINIATURE HIGH VOLTAGE
(NEVH: Radial Lead, NEHH: Axial Leads)
The NEVH and NEHH series subminiature aluminum electrolytic
capacitors are ideal for polarized capacitor applications requiring
small size, high capacitance, high voltage, low cost, and depend-
ability over broad temperature ranges.
RATINGS
Capacitance Range: 1.0
µf to 470µf
Tolerance: - 10%, +75%
Voltage Range: 160V to 450V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
• For 160V and 250V:
-40
°C to +85°C (-40°F to +185°F)
• For 350V and 450V:
-25
°C to +85°C (-13°F to +185°F)
Leakage Current: I
≤ 0.02CV + 100µA (measured after
3 minutes of applied voltage)
I = Leakage Current (
µA)
C = Nominal Capacitance (
µf)
V = Rated Voltage (V)
Capacitance Tolerance (M): at +20
°C (+68°F), 120HZ
Capacitance Values through 4.7
µf -10% to +75%
Capacitance Values above 4.7
µf
- 10% to +50%
Dissipation Factor: at +20
°C (+68°F),120HZ
Rated Voltage
160, 250, and 350
450
1.0
µf to 470µf
0.20
0.25
Impedance Ratio at Low Temperature: 120HZ
Comparison Z
WV
160 - 250
350
450
Z @ - 25
°C (-13°F)/
Z @ +20
°C (+68°F)
2
2
2
Z @ - 40
°C (-40°F)/
Z @ +20
°C (+68°F)
4
-
-
Surge Voltage:
DC Rated Voltage
160
250
350
450
Surge Voltage
200
300
400
500
Load Life: 1000
±12Hrs @ +85°C (+185°F),
at rated voltage
Leakage Current: Within values specified above
Dissipation Factor: Within
±200% of specified value
Capacitance Change Max: See Table
Rated Voltage
Capacitance Change Max
160V to 450V
Within 20% of the initial value
Shelf Life: 1000 Hrs @ +85
°C (+185°F),
no voltage applied
Leakage Current: Within
±200% of specified value
Dissipation Factor: Within
±150% of specified value
Capacitance Change Max: Within
±20% of initial value
MECHANICAL SPECIFICATIONS
Lead Solderability:
Meets the requirements of MIL - STD 202, Method 208
Marking:
Consists of series type, nominal capacitance, rated
voltage, temperature range, anode and/or cathode
identification, vendor identification.
Recommended Cleaning Solvents:
Methanol, isopropanol ethanol, isobutanol, petroleum
ether, propanol and/or commercial detergents. Halo-
genated hydrocarbon cleaning agents such as Freon
(MF, TF, or TC), trichloroethylene, trichloroethane, or
methylchloride are not recommended as they may
damage the capacitor.
CASE SIZE AND DIMENSIONS:
D’ Ø = D Ø + 0.5 Max
L’ = L + 1.0 Max at D Ø
≤ 8.0
L’ = L + 2.0 Max at D Ø
≥ 10.0
D’ Ø = D Ø + 0.5 Max
L’ = L + 1.0 Max at D Ø
≤ 8.0
L’ = L + 2.0 Max at D Ø
≥ 10.0
NEVH SERIES
NEHH SERIES (Insulating Bar = Negative)
Insulating
Sleeve
L
35.0 Min
35.0 Min
L’
2.3 Max
d Ø
D Ø
D’ Ø
D Ø
D’ Ø
Insulating
Sleeve
d Ø
L
L’
5.0 Min
18.0 Min
A
±0.5


ORDERING INFORMATION
NEVH
47
M
160
Series
Capacitance
Tolerance
Voltage


Numéro de pièce similaire - NEVH3.3M350

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NEV0.15M10 NTE-NEV0.15M10 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M100 NTE-NEV0.15M100 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M16 NTE-NEV0.15M16 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M25 NTE-NEV0.15M25 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M35 NTE-NEV0.15M35 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
More results

Description similaire - NEVH3.3M350

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NEV47M50 NTE-NEV47M50 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
   8V to 450V input range
logo
Maxwell Technologies
BMOD0006_1312 MAXWELL-BMOD0006_1312 Datasheet
1Mb / 4P
   160V MODULE
logo
Microchip Technology
LR645 MICROCHIP-LR645 Datasheet
439Kb / 16P
   Accepts inputs from 15 to 450V
01/27/15
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
   Aluminum Electrolytic
logo
Sanyo Semicon Device
SBT100-16JS SANYO-SBT100-16JS Datasheet
74Kb / 3P
   160V, 10A Rectifier
logo
Rohm
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
   Power Transistor (160V , 1.5A)
logo
Maxwell Technologies
BMOD0006 MAXWELL-BMOD0006 Datasheet
982Kb / 4P
   160V DC working voltage
logo
Sanyo Semicon Device
2SA1477 SANYO-2SA1477 Datasheet
119Kb / 4P
   160V/140mA Switching Applications
2SA1248 SANYO-2SA1248 Datasheet
103Kb / 3P
   160V/700mA Switching Applications
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com