Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54206 Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL54206
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206 Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL54206 Datasheet HTML 5Page - Intersil Corporation ISL54206 Datasheet HTML 6Page - Intersil Corporation ISL54206 Datasheet HTML 7Page - Intersil Corporation ISL54206 Datasheet HTML 8Page - Intersil Corporation ISL54206 Datasheet HTML 9Page - Intersil Corporation ISL54206 Datasheet HTML 10Page - Intersil Corporation ISL54206 Datasheet HTML 11Page - Intersil Corporation ISL54206 Datasheet HTML 12Page - Intersil Corporation ISL54206 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6409.0
December 18, 2006
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 8. THD+N vs SUPPLY VOLTAGE vs FREQUENCY
FIGURE 9. THD+N vs SIGNAL LEVELS vs FREQUENCY
FIGURE 10. THD+N vs OUTPUT VOLTAGE
FIGURE 11. THD+N vs OUTPUT POWER
FREQUENCY (Hz)
20
200
2k
20k
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
VDD = 2.6V
VDD = 2.7V
VDD = 3.6V
VDD = 3V
RLOAD = 32Ω
VLOAD = 0.707VRMS
FREQUENCY (Hz)
20
200
2k
20k
RLOAD = 32Ω
VDD = 3V
0
0.1
0.2
0.3
0.4
2VP-P
1VP-P
3VP-P
2.5VP-P
OUTPUT VOLTAGE (VP-P)
00.5
11.5
2
2.533.5
0
0.1
0.2
0.3
0.4
0.5
RLOAD = 32Ω
FREQ = 1kHz
VDD =3V
OUTPUT POWER (mW)
0
1020304050
0
0.1
0.2
0.3
0.4
0.5
RLOAD = 32Ω
FREQ = 1kHz
VDD =3V
ISL54206


Numéro de pièce similaire - ISL54206

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Description similaire - ISL54206

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com