Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54207 Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL54207
Description  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54207 Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL54207 Datasheet HTML 4Page - Intersil Corporation ISL54207 Datasheet HTML 5Page - Intersil Corporation ISL54207 Datasheet HTML 6Page - Intersil Corporation ISL54207 Datasheet HTML 7Page - Intersil Corporation ISL54207 Datasheet HTML 8Page - Intersil Corporation ISL54207 Datasheet HTML 9Page - Intersil Corporation ISL54207 Datasheet HTML 10Page - Intersil Corporation ISL54207 Datasheet HTML 11Page - Intersil Corporation ISL54207 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6403.0
December 5, 2006
Application Block Diagram
Detailed Description
The ISL54207 device is a dual single pole/double throw
(SPDT) analog switch device that operates from a single DC
power supply in the range of 2.7V to 3.6V. It was designed to
function as a dual 2 to 1 multiplexer to select between USB
differential data signals and mono audio/composite video
baseband signals (CVBS). It comes in tiny μTQFN and
TDFN packages for use in cameras, camcorders, video MP3
players, PDAs, cell phones, and other personal media
players.
The part consists of two 3
Ω audio/video switches and two
5
Ω USB switches. The audio/video switches can accept
signals that swing below ground. They were designed to
pass ground reference audio or dc restored with synch
composite video signals with minimal distortion. The USB
switches were designed to pass high-speed USB differential
data signals with minimal edge and phase distortion.
The ISL54207 was specifically designed for digital cameras,
camcorders, MP3 players, cell phones and other personal
media player applications that need to combine the
audio/video jacks and the USB data connector into a single
shared connector, thereby saving space and component
cost. A typical application block diagram of this functionality
is shown above.
The ISL54207 incorporates circuitry for the detection of the
USB VBUS voltage, which is used to switch between the
audio/video drivers and USB transceiver of the media player.
The ISL54207 contains a logic control pin (CTRL) that when
driven Low while VBUS is Low, opens all switches and puts
the part into a low power state, drawing typically 1nA of IDD
current.
A detailed description of the two types of switches is
provided in the following sections. The USB transmission
and audio/video playback are intended to be mutually
exclusive operations.
NC1 and NC2 Audio/Video Switches
The two NC (normally closed) audio/video switches (NC1,
NC2) are 3
Ω switches that can pass signals that swing
below ground by as much as 1.5V. They were designed to
pass ground reference audio signals and DC restored
composite base-band signals (CVBS), including negative
synchronizing pulse with minimal insertion loss and very low
distortion and degradation.
The -3dB bandwidth into 75
Ω is 338MHz (Figure 17).
Crosstalk between NC1 and NC2 @ 4MHz is -78dB
(Figure 16), which allows composite video to be routed
through one switch and mono-audio through the other switch
with little interference.
The recommended maximum signal range is from -1.5V to
1.5V. You can apply positive signals greater than 1.5V but
the rON resistance of the switch increases rapidly above
1.5V. The signal should not be allowed to exceed the VDD
rail or swing more negative than -1.5V.
Over a signal range of ±1V (0.707Vrms) with VDD > 2.7V,
these switches have an extremely low rON resistance
variation. They can pass a ground referenced audio signal
with very low distortion (<0.06% THD+N) when delivering
15.6mW into a 32
Ω headphone speaker load. See
Figures 10, 11, 12, and 13 THD+N performance curves.
Figure 8 and 9 shows the vector scope plots of a standard
NTSC color bar signal at both the input (Figure 8) and output
(Figure 9) of the ISL54207. The plots show that except for a
little attenuation due to switch rON and test fixture cabling,
there is virtually no degradation of the video waveform
through the switch.
ISL54207
USB
TRANSCEIVER
HIGH-SPEED
AUDIO
COM1
COM2
VBUS
GND
NO1
NO2
NC1
NC2
VDD
CTRL
LOGIC CIRCUITRY
mCONTROLLER
22k
Ω
4M
Ω
4M
Ω
50k
Ω
50k
Ω
NTSC or PAL
VIDEO
D+
D-
ISL54207


Numéro de pièce similaire - ISL54207

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54207 INTERSIL-ISL54207 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54207IRUZ-T RENESAS-ISL54207IRUZ-T Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54207IRZ RENESAS-ISL54207IRZ Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54207IRZ-T RENESAS-ISL54207IRZ-T Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

Description similaire - ISL54207

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com