Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54057IRUZ-T Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL54057IRUZ-T
Description  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54057IRUZ-T Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL54057IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54057IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54057IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54057IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54057IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54057IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54057IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54057IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54057IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6379.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL54057
Ultra Low ON-Resistance, Low-Voltage,
Single Supply, Differential 4 to 1 Analog
Multiplexer
The Intersil ISL54057 device contains precision, bidirectional,
analog switches configured as a differential 4-channel
multiplexer/demultiplexer, designed to operate from a single
+1.6V to +3.6V supply. The devices have an inhibit pin to
simultaneously open all signal paths.
ON resistance is 0.41
Ω with a +3V supply and 0.61Ω with a
single +1.8V supply. Each switch can handle rail to rail
analog signals. The off-leakage current is only 4nA max at
+25°C or 35nA max at +85°C with a +3.3V supply.
All digital inputs are 1.8V logic-compatible when using a
single +3V supply.
The ISL54057 is a differential 4 to 1 multiplexer device that is
offered in a 16 Ld 2.6x1.8x0.5mm
µTQFN package.
Table 1 summarizes the performance of this family.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
• ON Resistance (RON)
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.41
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.61
•RON Matching Between Channels. . . . . . . . . . . . . . . . 0.09Ω
•RON Flatness Across Signal Range . . . . . . . . . . . . . . 0.07Ω
• Single Supply Operation. . . . . . . . . . . . . . . . . +1.6V to +3.6V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . <0.18
µW
• Fast Switching Action (VS = +3V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18ns
• Break-Before-Make
• High Current Handling Capacity (300mA Continuous)
• Available in 16 Ld 2.6x1.8x0.5mm
µTQFN
• 1.8V CMOS-Logic Compatible (+3V Supply)
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching
TABLE 1. FEATURES AT A GLANCE
ISL54057
Configuration
Diff 4:1 Mux
3V RON
0.41
3V tON/tOFF
27ns/18ns
1.8V RON
0.61
1.8V tON/tOFF
34ns/26ns
Packages
16 Ld 2.6x1.8x0.5mm
µTQFN
Ordering Information
PART NUMBER (NOTE)
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL54057IRUZ-T
GAB
-40 to +85
16 Ld Thin
µQFN Tape and Reel (Pb-free) L16.2.6x1.8A
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020C.
Data Sheet
September 29, 2006


Numéro de pièce similaire - ISL54057IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54057IRUZ-T RENESAS-ISL54057IRUZ-T Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results

Description similaire - ISL54057IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782IV INTERSIL-ISL84782IV Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
ISL84782 INTERSIL-ISL84782 Datasheet
356Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com