Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28486FAZ-T7 Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL28486FAZ-T7
Description  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28486FAZ-T7 Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL28486FAZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28486FAZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28486FAZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28486FAZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28486FAZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28486FAZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28486FAZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28486FAZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL28486FAZ-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6312.0
September 22, 2006
FIGURE 35. + SLEW RATE vs TEMPERATURE VS = ±2.5V
INPUT = ±0.75V AV = 2
FIGURE 36. - SLEW RATE vs TEMPERATURE VS = ±2.5V
INPUT = ±0.75V AV = 2
FIGURE 37. AVOL CH A vs TEMPERATURE RL = 100K
VO = ±2V VS = ±2.5V
FIGURE 38. AVOL CH B vs TEMPERATURE RL = 100K
VO = ±2V VS = ±2.5V
FIGURE 39. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 40. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
0.09
0.11
0.13
0.15
0.17
0.19
0.21
0.23
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MEDIAN
MAX
0.1
0.11
0.12
0.13
0.14
0.15
0.16
0.17
-40
-20
0
204060
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MEDIAN
MAX
100
200
300
400
500
600
700
800
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MEDIAN
MAX
150
300
450
600
750
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 12
MIN
MEDIAN
MAX
893mW
θ
JA =
11
2°C
/W
QS
O
P1
6
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
633mW
θ
JA =1
58°
C/W
QS
OP
16
1.2
1
0.8
0.6
0.4
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
ISL28286, ISL28486


Numéro de pièce similaire - ISL28486FAZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28486FAZ INTERSIL-ISL28486FAZ Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
logo
Renesas Technology Corp
ISL28486FAZ RENESAS-ISL28486FAZ Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
More results

Description similaire - ISL28486FAZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com