Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM258D Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce LM258D
Description  Low power dual operational amplifi
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM258D Fiches technique(HTML) 5 Page - NXP Semiconductors

  LM258D Datasheet HTML 1Page - NXP Semiconductors LM258D Datasheet HTML 2Page - NXP Semiconductors LM258D Datasheet HTML 3Page - NXP Semiconductors LM258D Datasheet HTML 4Page - NXP Semiconductors LM258D Datasheet HTML 5Page - NXP Semiconductors LM258D Datasheet HTML 6Page - NXP Semiconductors LM258D Datasheet HTML 7Page - NXP Semiconductors LM258D Datasheet HTML 8Page - NXP Semiconductors LM258D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2002 Jul 12
5
DC ELECTRICAL CHARACTERISTICS (continued)
Tamb = 25 °C; V+ = +5 V; unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM358A
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VOS
Offset voltage1
RS = 0 Ω
±2
±3
mV
VOS
Offset voltage1
RS = 0 Ω; over temp.
±5
mV
VOS
Drift
RS = 0 Ω; over temp.
7
20
µV/°C
IOS
Offset current
IIN(+) – IIN(–)
5
±30
nA
IOS
Offset current
Over temp.
±75
nA
IOS
Drift
Over temp.
10
300
pA/
°C
I
S
Input current2
IIN(+) or IIN(–)
45
100
nA
IBIAS
Input current2
IIN(+) or IIN(–); Over temp.
40
200
nA
IB
Drift
Over temp.
50
pA/
°C
VC
Common mode voltage range3
V+ = 30 V
0
V+–1.5
V
VCM
Common-mode voltage range3
V+ = 30 V; Over temp.
0
V+–2.0
V
CMRR
Common-mode rejection ratio
V+ = 30 V
65
85
dB
VO
Output voltage swing
RL ≥ 2 kΩ; V+ = 30 V; over temp.
26
V
VOH
Output voltage swing
RL ≥ 10 kΩ; V+ = 30 V; over temp.
27
28
V
VOL
Output voltage swing
RL ≥ 10 kΩ; over temp.
5
20
mV
ICC
Supply current
RL = ∞, V+ = 30 V
0.5
1.0
mA
ICC
Supply current
RL = ∞ on all amplifiers; V+ = 30 V; over temp.
0.6
1.2
mA
A O
Large signal voltage gain
RL ≥ 2 kΩ; VOUT ±10 V
25
100
V/mV
AVOL
Large-signal voltage gain
V+ = 15 V (for large VO swing); over temp.
15
V/mV
PSRR
Supply voltage rejection ratio
RS = 0 Ω
65
100
dB
Amplifier-to-amplifier coupling4
f=1kHz to 20kHz (input referred)
–120
dB
VIN+ = +1 VDC; VIN– = 0 VDC; V+ = 15 VDC
20
40
mA
Output current (Source)
VIN+ = +1 VDC; VIN– = 0 VDC; V+ = 15 VDC;
over temp.
10
20
mA
IOUT
VIN– = +1 VDC,;VIN+ = 0 VDC; V+ = 15 VDC
10
20
mA
Output current (Sink)
VIN– = +1 VDC; VIN+ = 0 VDC;V+ = 15 VDC;
over temp.
5
8
mA
VIN+ = 0 V; VIN– = +1 VDC; VO = 200 mV
12
50
µA
ISC
Short circuit current5
40
60
mA
Differential input voltage6
V+
V
GBW
Unity gain bandwidth
Tamb = 25 °C
1
MHz
SR
Slew rate
Tamb = 25 °C
0.3
V/
µs
VNOISE
Input noise voltage
Tamb = 25 °C; f = 1 kHz
40
nV/
√Hz
NOTES:
1. VO ≈ 1.4 V, RS = 0 Ω with V+ from 5 V to 30 V; and over the full input common-mode range (0 V to V+ –1.5 V).
2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of
the output so no loading change exists on the input lines.
3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common-mode voltage range is V+ –1.5 V, but either or both inputs can go to +32 V without damage.
4. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance coupling increases at higher frequencies.
5. Short-circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately
40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15 VDC, continuous short-circuits can exceed the
power dissipation ratings and cause eventual destruction.
6. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common-mode voltage range is V+ –1.5 V, but either or both inputs can go to +32 VDC without damage.


Numéro de pièce similaire - LM258D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM258D MOTOROLA-LM258D Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM258D TI1-LM258D Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM258D TI1-LM258D Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
logo
ON Semiconductor
LM258D ONSEMI-LM258D Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
Texas Instruments
LM258D TI1-LM258D Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results

Description similaire - LM258D

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com