Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54401EVAL1Z Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL54401EVAL1Z
Description  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54401EVAL1Z Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL54401EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54401EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54401EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54401EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54401EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54401EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54401EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL54401EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL54401EVAL1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6240.3
July 12, 2006
Application Block Diagram
Detailed Description
The ISL5440X family of devices are dual single pole/double
throw (SPDT) analog switches that operate from a single
power supply. They were designed to function as dual 2 to 1
multiplexers to select between USB differential data signals
and audio L and R stereo signals. They come in tiny µTQFN
and TDFN packages for use in MP3 players, PDAs,
cellphones, and other personal media players.
All devices in this family consist of two 1
Ω normally closed
(NC) audio switches and two 5
Ω normally open (NO) USB
switches. The audio switches can accept signals that swing
below ground. They were designed to pass audio left and
right stereo signals, that are ground referenced, with minimal
distortion. The USB switches were designed to pass
full-speed USB differential data signals with minimal edge
and phase distortion.
The ISL54400 and ISL54401 were specifically designed for
MP3 players, personal media players and cellphone
applications that need to combine the audio headphone jack
and the USB data connector into a single shared connector,
thereby saving space and component cost. A typical
application block diagram of this functionality is shown
above. The ISL54400 and ISL54401 incorporate circuitry for
the detection of the USB VBUS voltage, which is used to
switch between the audio CODEC drivers and USB
transceiver of the MP3 player or cellphone. The ISL54400
contains additional circuitry to generate the required USB
VTERM of 3.3V for use with the USB speed setting pull-up
resistor.
The ISL54402 is an audio/data switch and its functionality is
typical of a standard dual SPDT device.
A detailed description of the two types of switches and of
each part type in the ISL5440x family are provided in the
sections below. The USB transmission and audio playback
are intended to be mutually exclusive operations.
Audio Switches
The two NC (normally closed) audio switches (L, R, NCx)
are 1
Ω switches that can pass signals that swing below
ground. Crosstalk between the audio switches is < -110dB
and has a -3dB bandwidth of 394MHz.
The recommended maximum signal range is from -1.5V to
1.5V. You can apply positive signals greater than 1.5V but
the RON resistance of the switch increases rapidly above
1.5V. The audio signal should not be allowed to exceed the
VDD rail or swing more negative than -1.5V.
Over a signal range of ±1V these switches have an
extremely low RON flatness. They can pass ground
referenced audio signals with very low distortion (<0.01%
THD+N) when delivering 12mW into a 32
Ω headphone
speaker load. See Figures 8 and 9 THD+N performance
curves.
These switches are uni-directional switches. The audio
sources should be connected at the NC side of the switch
(pins 7 and 8) and the speaker loads should be connected at
the COM side of the switch (pins 3 and 4).
For the ISL54400 and ISL54401 parts the audio switches are
active (turned ON) whenever the VBUS voltage is to VDD +
0.2V. The VBUS pin is internally pulled low through a
pulldown resistor allowing the VBUS pin to float. When the
VBUS pin is floating the audio switches are ON.
Note: Whenever the audio switches are ON the USB
transceivers connected at D- and D+ (pins 8 and 9) need to
be in the high impedance state or static high or low state to
keep from interfering with the audio transmission.
For the ISL54402 part the NC1 audio switch is active (turned
ON) whenever logic pin IN1 (pin 10) is LOW. The NC2 audio
switch is active (turned ON) whenever the logic pin IN2
(pin 2) is LOW. Unlike the ISL54400 and ISL54401 parts
ISL54400
USB
TRANSCEIVER
FULL-SPEED
CODEC
D-/L
D+/R
VBUS
GND
D-
D+
L
R
VDD
VTERM
ISL54400, ISL54401, ISL54402


Numéro de pièce similaire - ISL54401EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54401EVAL1Z RENESAS-ISL54401EVAL1Z Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

Description similaire - ISL54401EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com