Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54400EVAL1Z Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL54400EVAL1Z
Description  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54400EVAL1Z Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL54400EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54400EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54400EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54400EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54400EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54400EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54400EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54400EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54400EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6240.3
July 12, 2006
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES (ISL54402 ONLY)
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. BREAK-BEFORE-MAKE TIME (ISL54402 ONLY)
FIGURE 3. RON TEST CIRCUIT
FIGURE 4. AUDIO CROSSTALK TEST CIRCUIT
50%
tr < 20ns
tf < 20ns
tOFF
90%
VINH
0V
VNO
VINL
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
SWITCH
INPUT
CONTROL
INPUT
VOUT
RL
CL
COM
NO or NC
IN
300
35pF
GND
VDD
C
90%
VINH
VINL
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
INPUT
IN
COM
RL
CL
VOUT
35pF
300
NO
NC
VDD
GND
VNX
C
VDD
C
Dx or L or R or Nx
COM
IN
GND
VNX
V1
RON = V1/40mA
40mA
Repeat test for all switches. Note: COM designation in diagram
refers to: D-/L, D+/R, COM1, and COM2.
VBUS or VIN
0V or VDD
ANALYZER
VDD
C
L or R or NC
SIGNAL
GENERATOR
RL
GND
IN1
COM
32
N.C.
COM
R or L or NC
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches. COM designation in
diagram refers to: D-/L, D+/R, COM1, and COM2.
ISL54400, ISL54401, ISL54402


Numéro de pièce similaire - ISL54400EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54400EVAL1Z RENESAS-ISL54400EVAL1Z Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

Description similaire - ISL54400EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com