Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54401IRZ Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL54401IRZ
Description  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54401IRZ Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL54401IRZ Datasheet HTML 3Page - Intersil Corporation ISL54401IRZ Datasheet HTML 4Page - Intersil Corporation ISL54401IRZ Datasheet HTML 5Page - Intersil Corporation ISL54401IRZ Datasheet HTML 6Page - Intersil Corporation ISL54401IRZ Datasheet HTML 7Page - Intersil Corporation ISL54401IRZ Datasheet HTML 8Page - Intersil Corporation ISL54401IRZ Datasheet HTML 9Page - Intersil Corporation ISL54401IRZ Datasheet HTML 10Page - Intersil Corporation ISL54401IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6240.3
July 12, 2006
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
(ISL54400 and ISL54401 only)
Full
2.5
-
3.6
V
Power Supply Range, VDD
(ISL54402 Only)
Full
1.8
-
5.5
V
Positive Supply Current, IDD
Audio Mode
(ISL54400 and ISL54401 only)
VDD = 3.6V, VBUS = Float
25-
4.58
µA
Full
-
-
10
µA
Positive Supply Current, IBUS
USB Mode
(ISL54400 and ISL54401 only)
VDD = 3.6V, VBUS = 5.25V
25
-
3.5
8
µA
Full
-
-
25
µA
Positive Supply Current, IDD
(ISL54402 Only)
VDD = 5.5V, VIN = 0V
25
-
8
11
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(ISL54402 Only)
VDD = 5.5V, VIN = 5.5V
25
-
0.06
0.5
µA
Full
-
-
1
µA
Positive Supply Current, IDD
(ISL54402 Only)
VDD = 5.5V, VIN = 2.85V
25
-
5.5
8
µA
Full
-
-
10
µA
VTERM Voltage, VVTERM
(ISL54400 Only)
VDD = 2.5V, VBUS = 4.4V, RTERM = 16.5kΩ to Ground
25
3.0V
-
3.6V
V
VTERM Voltage, VVTERM
(ISL54400 Only)
VDD = 2.0V, VBUS = 4.4V
25
-1.4
-
0.5
V
DIGITAL INPUT CHARACTERISTICS
VBUS Voltage Low, VBUSL
(ISL54400 and ISL54401 Only)
Full
-
-
VDD + 0.2
V
VBUS Voltage High, VBUSH
(ISL54400 and ISL54401 Only)
Full
VDD + 0.8
-
-
V
Input Voltage Low, VINL
(ISL54402 Only)
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Input Voltage High, VINH
(ISL54402 Only)
VDD = 2.7V to 3.6V
Full
1.4
-
-
V
Input Voltage Low, VINL
(ISL54402 Only)
VDD = 5.0V
Full
-
-
0.8
V
Input Voltage High, VINH
(ISL54402 Only)
VDD = 5.0V
Full
2.3
-
-
V
Input Current, IINH, IINL
(ISL54402 Only)
VDD = 5.5V, VIN = 0V or VDD
Full
-
0.1
-
µA
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Guaranteed by design.
9. RON matching between channels is calculated by subtracting the channel with the highest max RON value from the channel with lowest max
RON value, between L and R, between NC1 and NC2 or between D+ and D-, or between NO1 and NO2.
Electrical Specifications - 2.7V to 5.5V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VINH = 1.4V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL54400, ISL54401, ISL54402


Numéro de pièce similaire - ISL54401IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54401IRZ RENESAS-ISL54401IRZ Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
ISL54401IRZ-T RENESAS-ISL54401IRZ-T Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

Description similaire - ISL54401IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com