Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL41334 Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL41334
Description  짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334 Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL41334 Datasheet HTML 3Page - Intersil Corporation ISL41334 Datasheet HTML 4Page - Intersil Corporation ISL41334 Datasheet HTML 5Page - Intersil Corporation ISL41334 Datasheet HTML 6Page - Intersil Corporation ISL41334 Datasheet HTML 7Page - Intersil Corporation ISL41334 Datasheet HTML 8Page - Intersil Corporation ISL41334 Datasheet HTML 9Page - Intersil Corporation ISL41334 Datasheet HTML 10Page - Intersil Corporation ISL41334 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
FN6202.1
December 20, 2005
Absolute Maximum Ratings (TA = 25°C)
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
VL (QFN Only) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC + 0.5V
Input Voltages
All Except A, B (non-QFN Package) . . . . . -0.5V to (VCC + 0.5V)
All Except A, B (QFN Package) . . . . . . . . . . -0.5V to (VL + 0.5V)
Input/Output Voltages
A, B (Any Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V to +25V
Y, Z (Any Mode, Note 3) . . . . . . . . . . . . . . . . . . . -12.5V to +12.5V
RA, RB (non-QFN Package). . . . . . . . . . . . -0.5V to (VCC + 0.5V)
RA, RB (QFN Package) . . . . . . . . . . . . . . . . -0.5V to (VL + 0.5V)
Output Short Circuit Duration
Y, Z, RA, RB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
28 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
65
28 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
60
40 Ld QFN Package. . . . . . . . . . . . . . . . . . . . . . . . .
32
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC and SSOP - Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. One output at a time, IOUT ≤ 100mA for ≤ 10 mins.
4. QFN
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features.
θJA for other packages is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 and Tech Brief TB389 for details.
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V, C1 - C4 = 0.1µF, VL = VCC (for QFN only); Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = 25°C (Note 5)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS - RS-485 DRIVER (SEL = VCC)
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
R = 50
Ω (RS-422) (Figure 1)
Full
2.5
3.1
-
V
R = 27
Ω (RS-485) (Figure 1)
Full
2.2
2.7
5
V
VOD3
RD = 60Ω, R = 375Ω, VCM = -7V to 12V (Figure 1)
Full
2
2.7
5
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
∆VOD
R = 27
Ω or 50Ω (Figure 1)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27
Ω or 50Ω (Figure 1) (Note 9)
Full
-
-
3.1
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
∆VOC
R = 27
Ω or 50Ω (Figure 1) (Note 9)
Full
-
0.01
0.2
V
Driver Short-Circuit Current,
VOUT = High or Low
IOS
-7V
≤ (VY or VZ) ≤ 12V (Note 7)
Full
35
-
250
mA
Driver Three-State Output
Leakage Current (Y, Z)
IOZ
Outputs Disabled,
VCC = 0V or 5.5V
VOUT = 12V
Full
-
-
500
µA
VOUT = -7V
Full
-200
-
-
µA
DC CHARACTERISTICS - RS-232 DRIVER (SEL = GND)
Driver
Output Voltage Swing
VO
All TOUTS Loaded with 3kΩ to Ground
Full
±5.0
+6/-7
-
V
Driver
Output Short-Circuit Current
IOS
VOUT = 0V
Full
-60
25/-35
60
mA
DC CHARACTERISTICS - LOGIC PINS (i.e., DRIVER AND CONTROL INPUT PINS)
Input High Voltage
VIH1
VL = VCC if QFN
Full
2
1.6
-
V
VIH2
VL = 3.3V (QFN Only)
Full
2
1.2
-
V
VIH3
VL = 2.5V (QFN Only)
Full
1.5
1
-
V
ISL81334, ISL41334


Numéro de pièce similaire - ISL41334

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL41334 INTERSIL-ISL41334 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL41334 INTERSIL-ISL41334 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL41334 INTERSIL-ISL41334 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL41334 RENESAS-ISL41334 Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL41334 INTERSIL-ISL41334 Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
More results

Description similaire - ISL41334

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL81334 RENESAS-ISL81334 Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com