Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL24011IVZ-T Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL24011IVZ-T
Description  High Voltage TFT-LCD Logic Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24011IVZ-T Fiches technique(HTML) 8 Page - Intersil Corporation

  ISL24011IVZ-T Datasheet HTML 1Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 2Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 3Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 4Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 5Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN6196.2
March 28, 2006
Application Diagram (Monitor)
Test Circuit
FIGURE 15. TYPICAL MONITOR APPLICATION CIRCUIT WITH
SLICER TO REDUCE FLICKER
ISL24011
TIMING
CONTROLLER
LEVEL SHIFTER
LCD PANEL
DC/DC
CONVERTER
VON SLICER
CIRCUIT
1.0µF
1.0µF
1.0µF
VOFF
VON2
VON1
VON1
VON1
VON2
VOFF
IN1
OUT1
VON2
VON1
VOFF
IN8
5k
4700pF
OUT8
ISL24011
INx
OUTx
tPLH
tPHL
tR
tF
FIGURE 16. TEST LOAD AND TIMING DEFINITIONS
1.0µF
1.0µF
1.0µF
C1
C2
C3
If the output load is a series 200
Ω resistor and a 3300pF
then C1, C2 and C3 can be reduced to 0.47pF.
ISL24011


Numéro de pièce similaire - ISL24011IVZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL24011IVZ-T INTERSIL-ISL24011IVZ-T Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011IVZ-T RENESAS-ISL24011IVZ-T Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
More results

Description similaire - ISL24011IVZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65193 TI-TPS65193 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High-Voltage Scan Driver for TFT-LCD
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com