Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1582_0311 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN1582_0311
Description  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582_0311 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN1582_0311 Datasheet HTML 1Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 2Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 3Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 4Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 5Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 6Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 7Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 8Page - Fairchild Semiconductor FAN1582_0311 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FAN1582
PRODUCT SPECIFICATION
2
REV. 1.1.3 11/9/03
Pin Assignments
Pin Definitions
Internal Block Diagram
Pin Number
Pin Name
Pin Function Descrition
1
VSense
Remote Voltage Sense. Connect this pin to the load to permit true
remote sensing and avoid trace drops.
2
ADJ/GND
Adjust or Ground. On the FAN1582, this pin forms the feedback to
determine the output voltage. On the FAN1582-1.5 and -2.5, connect this
pin to ground.
3
VOUT
Output Voltage. This pin and the tab are output.
4
VCNTL
Control Voltage. This pin draws small-signal power to control the
FAN1582 circuitry. Connect to a voltage higher than VIN, as shown in the
applications circuits.
5
VIN
Input Voltage.
FRONT VIEW
12 3 4 5
FRONT VIEW
12 3 4 5
FAN1582M-1.5, -2.5
FAN1582M
FRONT VIEW
FAN1582D
FRONT VIEW
FAN1582D-1.5, -2.5
5-Lead Plastic TO-263
Θ
JC=3°C/W*
Tab is out.
5-Lead Plastic TO-252 DPAK
Θ
JC=3°C/W*
Tab is out.
12
3
4
5
1
2
3
4
5
*With package soldered to 0.5 square inch copper area over backside ground plane or internal
power plane,
θ
JA can vary from 30 °C/W to more than 40 °C/W. Other mounting techniques
can provide a thermal resistance lower than 30
°C/W.
Current
Limit
Thermal
Shutdown
Vref
Vin, Power
Output
Sense
Adj
VCNTL, Control
2
1
3
5
4
Voltage Loop
Amplifier


Numéro de pièce similaire - FAN1582_0311

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1582D FAIRCHILD-FAN1582D Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-1.5 FAIRCHILD-FAN1582D-1.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-2.5 FAIRCHILD-FAN1582D-2.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D15X FAIRCHILD-FAN1582D15X Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D25X FAIRCHILD-FAN1582D25X Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Description similaire - FAN1582_0311

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com