Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL51002EVALZ Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL51002EVALZ
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002EVALZ Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL51002EVALZ Datasheet HTML 1Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 2Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 3Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 4Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 5Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 6Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 7Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 8Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
December 22, 2006
IA1.8
Analog Supply Current, 1.8V
(Note 1)
Includes 1.8V ADC reference current
draw
270
375
mA
ID3.3
Digital Supply Current, 3.3V
(Note 1)
Grayscale ramp input
30
60
mA
ID1.8
Digital Supply Current, 1.8V
(Note 1)
Grayscale ramp input
65
95
mA
IADCD1.8
33
65
mA
IPLLD1.8
1.8
10
mA
PD
Total Power Dissipation
Grayscale ramp input
Standby Mode
0.98
1.25
W
50
100
mW
AC TIMING CHARACTERISTICS
PLL Jitter (Note 2)
250
450
ps p-p
Sampling Phase Steps
5.6° per step
64
Sampling Phase Tempco
±1
ps/°C
Sampling Phase
Differential Nonlinearity
Degrees out of +360°
±3
°
Hsync Frequency Range
10
150
kHz
fXTAL
Crystal Frequency Range
12
25
27
MHz
tSETUP
Data Valid Before Rising Edge of
Dataclk
20pF DATACLK load,
20pF DATA load
1.8
ns
tHOLD
Data Valid After Rising Edge of
Dataclk
20pF DATACLK load,
20pF DATA load
3.4
ns
NOTES:
1. Supply current specified at max pixel rate (165MHz) with gray scale video applied.
2. Jitter tested at rated frequencies (165MHz, 150MHz, 110MHz) and at minimum frequency (10MHz).
Electrical Specifications
Specifications apply for VA3.3 = VD3.3 = VPLLA3.3 = 3.3V, VA1.8 = VD1.8 = VPLLD1.8 = VADCD1.8 = 1.8V,
pixel rate = 110MHz for ISL51002-110, 150MHz for ISL51002-150, 165MHz for ISL51002-165, fXTAL = 25MHz,
and TA = +25°C, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST LEVEL or NOTES
MIN
TYP
MAX
UNITS
ISL51002


Numéro de pièce similaire - ISL51002EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL51002EVALZ INTERSIL-ISL51002EVALZ Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002EVALZ INTERSIL-ISL51002EVALZ Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
logo
Renesas Technology Corp
ISL51002EVALZ RENESAS-ISL51002EVALZ Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
More results

Description similaire - ISL51002EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
ISL51002 INTERSIL-ISL51002_07 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL51002 RENESAS-ISL51002 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL98003 RENESAS-ISL98003 Datasheet
1Mb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Intersil Corporation
ISL98003 INTERSIL-ISL98003 Datasheet
352Kb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Renesas Technology Corp
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com