Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES2C Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce ES2C
Description  Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ES2C Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  ES2C Datasheet HTML 1Page - Fairchild Semiconductor ES2C Datasheet HTML 2Page - Fairchild Semiconductor ES2C Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES2A-ES2D, Rev. C
2001 Fairchild Semiconductor Corporation
Fast Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
Electrical Characteristics
T
A
= 25°C unless otherwise noted
ES2A - ES2D
Features
For surface mount applications.
Glass passivated junction.
Low profile package.
Easy pick and place.
Built-in strain relief.
Superfast recovery times for
high efficiency.
SMB/DO-214AA
COLOR BAND DENOTES CATHODE
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Symbol
Parameter
Device
Units
2A
2B
2C
2D
V
F
Forward Voltage @ 2.0 A
0.90
V
t
rr
Reverse Recovery Time
I
F = 0.5 A, IR = 1.0 A, IRR = 0.25 A
20
ns
IR
Reverse Current @ rated V
R
T
A = 25°C
T
A = 100°C
10
350
µA
µA
C
T
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
18
pF
Value
Symbol
Parameter
2A
2B
2C
2D
Units
V
RRM
Maximum Repetitive Reverse Voltage
50
100
150
200
V
IF(AV)
Average Rectified Forward Current
.375 " lead length @ TA = 110°C
2.0
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
50
A
T
stg
Storage Temperature Range
-55 to +150
°C
T
J
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
1.66
W
RθJA
Thermal Resistance, Junction to Ambient*
75
°C/W
RθJL
Thermal Resistance, Junction to Lead*
20
°C/W
*Device mounted on FR-4 PCB 0.013 mm.


Numéro de pièce similaire - ES2C

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
ES2C PACELEADER-ES2C Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Jinan Gude Electronic D...
ES2C JGD-ES2C Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
RFE international
ES2C RFE-ES2C Datasheet
1Mb / 3P
   Surface Mount Super Fast Recovery Recifier ES2A Through ES2K
08-12-2020
logo
Galaxy Semi-Conductor H...
ES2C BILIN-ES2C Datasheet
145Kb / 3P
   Surface Mount Rectifiers
logo
Vishay Siliconix
ES2C VISHAY-ES2C Datasheet
104Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
More results

Description similaire - ES2C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RS1A FAIRCHILD-RS1A_11 Datasheet
85Kb / 3P
   Fast Rectifiers
UF4003 FAIRCHILD-UF4003 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
SeCoS Halbleitertechnol...
FR101 SECOS-FR101_15 Datasheet
166Kb / 2P
   Fast Rectifiers
logo
Fairchild Semiconductor
ES3A FAIRCHILD-ES3A Datasheet
146Kb / 4P
   Fast Rectifiers
RGF1A FAIRCHILD-RGF1A_01 Datasheet
49Kb / 3P
   Fast Rectifiers
UF4001 FAIRCHILD-UF4001_01 Datasheet
334Kb / 3P
   Fast Rectifiers
logo
ON Semiconductor
RGF1A ONSEMI-RGF1A Datasheet
144Kb / 5P
   Fast Rectifiers
June, 2020 ??Rev. 1
logo
New Jersey Semi-Conduct...
1N4147 NJSEMI-1N4147 Datasheet
91Kb / 1P
   Fast Rectifiers
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001_05 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N5318 NJSEMI-1N5318 Datasheet
78Kb / 1P
   Fast Rectifiers
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com