Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28478 Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL28478
Description  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28478 Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL28478 Datasheet HTML 3Page - Intersil Corporation ISL28478 Datasheet HTML 4Page - Intersil Corporation ISL28478 Datasheet HTML 5Page - Intersil Corporation ISL28478 Datasheet HTML 6Page - Intersil Corporation ISL28478 Datasheet HTML 7Page - Intersil Corporation ISL28478 Datasheet HTML 8Page - Intersil Corporation ISL28478 Datasheet HTML 9Page - Intersil Corporation ISL28478 Datasheet HTML 10Page - Intersil Corporation ISL28478 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6145.1
September 28, 2006
FIGURE 17. SUPPLY CURRENT vs TEMPERATURE VS = ±2.5V
ENABLED, RL = INF
FIGURE 18. SUPPLY CURRENT vs TEMPERATURE VS = ±2.5V
DISABLED, RL = INF
FIGURE 19. I BIAS(+) vs TEMPERATURE VS = ±2.5V
FIGURE 20. I BIAS(-) vs TEMPERATURE VS = ±2.5V
FIGURE 21. INPUT OFFSET CURRENT vs TEMPERATURE
VS = ±2.5V
FIGURE 22. AVOL vs TEMPERATURE RL=100k, VO @ +2V/-2V
@ VS ±2.5V
Typical Performance Curves (Continued)
90
100
110
120
130
140
150
160
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 12
MIN
MEDIAN
MAX
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
MIN
MEDIAN
-700
-600
-500
-400
-300
-200
-100
0
100
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MEDIAN
MAX
-350
-300
-250
-200
-150
-100
-50
0
50
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MEDIAN
MAX
-350
-300
-250
-200
-150
-100
-50
0
50
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MAX
Min
MEDIAN
MIN
0.05
50.05
100.05
150.05
200.05
250.05
300.05
350.05
400.05
450.05
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
n = 12
MAX
MIN
MEDIAN
ISL28278, ISL28478


Numéro de pièce similaire - ISL28478

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28478FAZ INTERSIL-ISL28478FAZ Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results

Description similaire - ISL28478

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com