Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43L121IRZ Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL43L121IRZ
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L121IRZ Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL43L121IRZ Datasheet HTML 3Page - Intersil Corporation ISL43L121IRZ Datasheet HTML 4Page - Intersil Corporation ISL43L121IRZ Datasheet HTML 5Page - Intersil Corporation ISL43L121IRZ Datasheet HTML 6Page - Intersil Corporation ISL43L121IRZ Datasheet HTML 7Page - Intersil Corporation ISL43L121IRZ Datasheet HTML 8Page - Intersil Corporation ISL43L121IRZ Datasheet HTML 9Page - Intersil Corporation ISL43L121IRZ Datasheet HTML 10Page - Intersil Corporation ISL43L121IRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6091.2
June 23, 2006
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 8. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 12. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 13. TURN - OFF TIME vs SUPPLY VOLTAGE
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
VCOM (V)
01
23
4
ICOM = 100mA
V+ = 2.7V
V+ = 1.8V
V+ = 3.6V
V+ = 3V
V+ = 3V
VCOM (V)
00.5
11.5
22.5
3
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
25°C
85°C
-40°C
ICOM = 100mA
0
0.5
1
1.5
2
VCOM (V)
85°C
-40°C
V+ = 1.8V
ICOM = 100mA
25°C
0.1
0.15
0.2
0.25
0.3
-250
-200
-150
-100
-50
0
50
00.511.522.5
3
VCOM (V)
V+ = 1.8V
V+ = 3V
0
10
20
30
40
50
60
70
80
V+ (V)
1
1.5
2
2.5
33.5
44.5
85°C
-40°C
25°C
0
10
20
30
40
50
V+ (V)
1
1.5
2
2.5
3
3.5
4
4.5
85°C
-40°C
25°C
ISL43L120, ISL43L121, ISL43L122


Numéro de pièce similaire - ISL43L121IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43L121IRZ INTERSIL-ISL43L121IRZ Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43L121IRZ RENESAS-ISL43L121IRZ Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L121IRZ-T INTERSIL-ISL43L121IRZ-T Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results

Description similaire - ISL43L121IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com