Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISL43841 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL43841
Description  Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43841 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL43841_04 Datasheet HTML 2Page - Intersil Corporation ISL43841_04 Datasheet HTML 3Page - Intersil Corporation ISL43841_04 Datasheet HTML 4Page - Intersil Corporation ISL43841_04 Datasheet HTML 5Page - Intersil Corporation ISL43841_04 Datasheet HTML 6Page - Intersil Corporation ISL43841_04 Datasheet HTML 7Page - Intersil Corporation ISL43841_04 Datasheet HTML 8Page - Intersil Corporation ISL43841_04 Datasheet HTML 9Page - Intersil Corporation ISL43841_04 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Electrical Specifications: 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 4)
TYP
MAX
(NOTE 4)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 4.5V, ICOM = 1.0mA, VNO = 3.5V, (See Figure 6)
25
-
81
90
Full
-
-
120
RON Matching Between Channels,
∆RON
V+ = 4.5V, ICOM = 1.0mA, VNO = 3V, (Note 5)
25
-
2.2
4
Full
-
-
6
RON Flatness, RFLAT(ON)
V+ = 4.5V, ICOM = 1.0mA, VNO = 1V, 2V, 3V, (Note 6)
25
-
11.5
17
Full
-
-
24
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO = 4.5V, 1V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO = 4.5V, 1V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = VNO = 4.5V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VLATCHH,
VADDH
Full
2.4
-
-
V
Input Voltage Low, VLATCHL,
VADDL
Full
-
-
0.8
V
Input Current, LATCHH, LATCHL,
IADDH, IADDL
V+ = 5.5V, VLATCHH, VADD = 0V or V+
Full
-0.5
0.03
0.5
µA
DYNAMIC CHARACTERISTICS
Address Transition Time, tTRANS
V+ = 4.5V, VNO = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 1)
25
-
51
70
ns
Full
-
-
85
ns
Break-Before-Make Time, tBBM
V+ = 5.5V, VNO = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 3)
Full
2
9
-
ns
Latch Setup Time, tS
(See Figure 4)
25
25
-
-
ns
Full
35
-
-
ns
Latch Hold Time, tH
(See Figure 4)
25
0
-
-
ns
Full
0
-
-
ns
Latch Pulse Width, tWPW
(See Figure 4)
25
15
-
-
ns
Full
25
-
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
0.6
1.5
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz, VNO = 1VRMS,
(See Figures 5 and 7)
25
-
92
-
dB
Crosstalk, (Note 8)
25
-
≤110
-
dB
All Hostile Crosstalk, (Note 8)
25
-
-105
-
dB
ISL43841


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn