Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISL43841 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL43841
Description  Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43841 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL43841_04 Datasheet HTML 1Page - Intersil Corporation ISL43841_04 Datasheet HTML 2Page - Intersil Corporation ISL43841_04 Datasheet HTML 3Page - Intersil Corporation ISL43841_04 Datasheet HTML 4Page - Intersil Corporation ISL43841_04 Datasheet HTML 5Page - Intersil Corporation ISL43841_04 Datasheet HTML 6Page - Intersil Corporation ISL43841_04 Datasheet HTML 7Page - Intersil Corporation ISL43841_04 Datasheet HTML 8Page - Intersil Corporation ISL43841_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
COM OFF Leakage Current,
ICOM(OFF)
V+ = 13.2V, VCOM = 12V, 1V, VNO = 1V, 12V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 13.2V, VCOM = 1V, 12V, VNO = 1V, 12V, or
floating, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VLATCHH,
VADDH
Full
3.7
3.3
-
V
Input Voltage Low, VLATCHL,
VADDL
Full
-
2.7
0.8
V
Input Current, LATCHH, LATCHL,
IADDH, IADDL
V+ = 13.2V, VLATCHH, VADD = 0V or V+
Full
-0.5
0.03
0.5
µA
DYNAMIC CHARACTERISTICS
Address Transition Time, tTRANS
V+ = 10.8V, VNO = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1)
25
-
27
50
ns
Full
-
55
ns
Break-Before-Make Time Delay, tD
V+ = 13.2V, RL = 300Ω, CL = 35pF, VNO = 10V,
VIN = 0 to 4, (See Figure 3)
Full
2
5
-
ns
Latch Setup Time, tS
(See Figure 4)
25
25
-
-
ns
Full
35
-
-
ns
Latch Hold Time, tH
(See Figure 4)
25
0
-
-
ns
Full
0
-
-
ns
Latch Pulse Width, tWPW
(See Figure 4)
25
15
-
-
ns
Full
25
-
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
2.7
5
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz, VNO = 1VRMS,
(See Figures 5 and 7)
25
-
92
-
dB
Crosstalk, (Note 8)
25
-
≤110
-
dB
All Hostile Crosstalk, (Note 8)
25
-
-105
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO = VCOM = 0V, (See Figure 8)
25
-
3
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO = VCOM = 0V, (See Figure 8)
25
-
12
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO = VCOM = 0V, (See Figure 8)
25
-
18
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2
-
12
V
Positive Supply Current, I+
V+ = 13.2V, VLATCHH, VADD = 0V or V+,
all channels On or Off
Full
-1
-
1
µA
Positive Supply Current, I-
Full
-1
-
1
µA
Electrical Specifications + 12V Supply
Test Conditions: V+ = +10.8V to +13.2V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ISL43841


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn