Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISL43841 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL43841
Description  Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43841 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL43841_04 Datasheet HTML 1Page - Intersil Corporation ISL43841_04 Datasheet HTML 2Page - Intersil Corporation ISL43841_04 Datasheet HTML 3Page - Intersil Corporation ISL43841_04 Datasheet HTML 4Page - Intersil Corporation ISL43841_04 Datasheet HTML 5Page - Intersil Corporation ISL43841_04 Datasheet HTML 6Page - Intersil Corporation ISL43841_04 Datasheet HTML 7Page - Intersil Corporation ISL43841_04 Datasheet HTML 8Page - Intersil Corporation ISL43841_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V- to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15 to 0.3V
Input Voltages
LATCH, NO, ADD (Note 1) . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Output Voltages
COM (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . .
±30mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±100mA
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
20 Ld 4x4 QFN Package . . . . . . . . . . . . . . . . . . . . .
45
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(Lead Tips Only)
Operating Conditions
Temperature Range
ISL43841IR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Signals on NO, COM, ADD, or LATCH exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current
ratings.
2.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications:
±5V Supply
Test Conditions: VSUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
V-
-
V+
V
ON Resistance, RON
VS = ±4.5V, ICOM = 2mA, VNO = 3V,
(See Figure 6)
25
-
44
50
Full
-
-
80
RON Matching Between Channels,
∆RON
VS = ±4.5V, ICOM = 2mA, VNO = 3V, (Note 5)
25
-
1.3
4
Full
-
-
6
RON Flatness, RFLAT(ON)
VS = ±4.5V, ICOM = 2mA, VNO = ±3V, 0V,
(Note 6)
25
-
7.5
9
Full
-
-
12
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO = +4.5V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO = +4.5V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
VS = ±5.5V, VCOM = VNO = ±4.5V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VLATCHH,
VADDH
Full
2.4
-
-
V
Input Voltage Low, VLATCHL,
VADDL
Full
-
-
0.8
V
Input Current, LATCHH, LATCHL,
IADDH, IADDL
VS = ±5.5V, VLATCHH, VADD = 0V or V+
Full
-0.5
0.03
0.5
µA
DYNAMIC CHARACTERISTICS
Address Transition Time, tTRANS
VS = ±4.5V, VNO = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3, (See Figure 1)
25
-
43
60
ns
Full
-
-
70
ns
Break-Before-Make Time, tBBM
VS = ±5.5V, VNO = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, (See Figure 3)
Full
2
7
-
ns
ISL43841


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn