Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43142IV Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL43142IV
Description  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43142IV Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL43142IV Datasheet HTML 1Page - Intersil Corporation ISL43142IV Datasheet HTML 2Page - Intersil Corporation ISL43142IV Datasheet HTML 3Page - Intersil Corporation ISL43142IV Datasheet HTML 4Page - Intersil Corporation ISL43142IV Datasheet HTML 5Page - Intersil Corporation ISL43142IV Datasheet HTML 6Page - Intersil Corporation ISL43142IV Datasheet HTML 7Page - Intersil Corporation ISL43142IV Datasheet HTML 8Page - Intersil Corporation ISL43142IV Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V- to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15 to 0.3V
All Other Pins (Note 4) . . . . . . . . . . . . . ((V-) - 0.3V) to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 10mA
Peak Current, IN, NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . 20mA
ESD Rating (Per MIL-STD-883 Method 3015). . . . . . . . . . . . . .>2kV
Operating Conditions
Temperature Range
ISL4314XIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Thermal Resistance (Typical, Note 5)
θJA (°C/W)
16 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
115
16 Ld QFN Package. . . . . . . . . . . . . . . . . . . . . . . . .
75
16 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
150
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Moisture Sensitivity (See Technical Brief TB363)
All Other Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
QFN Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 2
Maximum Storage Temperature Range. . . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC and TSSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
4. Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current ratings.
5.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications: ±5V Supply Test Conditions VSUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 7)
MIN
TYP
(NOTE 7)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
V-
-
V+
V
ON Resistance, RON
VS = ±4.5V, ICOM = 1.0mA, VNO or VNC = ±3V,
See Figure 5
25
-
50
65
Full
-
-
75
RON Matching Between Channels,
∆RON
VS = ±4.5V, ICOM = 1.0mA, VNO or VNC = ±3V
25
-
2
2.5
Full
-
-
5
RON Flatness, RFLAT(ON)
VS = ±4.5V, ICOM = 1.0mA, VNO or VNC = ±3V, Note 9
25
-
10
12
Full
-
-
13
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V,
Note 8
25
-1
0.01
1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V,
Note 8
25
-1
0.01
1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
VS = ±5.5V, VCOM = VNO or VNC = ±4.5V, Note 8
25
-2
0.01
2
nA
Full
-10
-
10
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
1.6
-
V
Input Voltage Low, VINL
Full
-
1.6
0.8
V
Input Current, IINH, IINL
VS = ±5.5V, VIN = 0V or V+
Full
-0.5
0.03
0.5
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
40
80
ns
Full
-
-
100
ns
Turn-OFF Time, tOFF
VS = ±4.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 1
25
-
15
30
ns
Full
-
-
40
ns
Break-Before-Make Time Delay
(ISL43142), tD
VS = ±5.5V, VNO or VNC = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V, See Figure 3
Full
5
20
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, See Figure 2
25
-
1
5
pC
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
7
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
7
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
14
-
pF
ISL43140, ISL43141, ISL43142


Numéro de pièce similaire - ISL43142IV

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43142IV INTERSIL-ISL43142IV Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43142IVZ INTERSIL-ISL43142IVZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
logo
Renesas Technology Corp
ISL43142IVZ RENESAS-ISL43142IVZ Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results

Description similaire - ISL43142IV

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com