Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5585 Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL5585
Description  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585 Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL5585 Datasheet HTML 6Page - Intersil Corporation ISL5585 Datasheet HTML 7Page - Intersil Corporation ISL5585 Datasheet HTML 8Page - Intersil Corporation ISL5585 Datasheet HTML 9Page - Intersil Corporation ISL5585 Datasheet HTML 10Page - Intersil Corporation ISL5585 Datasheet HTML 11Page - Intersil Corporation ISL5585 Datasheet HTML 12Page - Intersil Corporation ISL5585 Datasheet HTML 13Page - Intersil Corporation ISL5585 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
detection of ring trip or programmed off hook loop current,
whichever is greater.
To allow for proper ring trip operation, the transient current
limit setting should be set at least 25% higher than the peak
ring trip current setting. Setting the transient current 25%
higher should account for programming tolerances of both
the ring trip threshold and the transient current limit.
If loop current is larger than ring trip current (low REN
applications) then the transient current limit should be set at
least 35% higher than the loop current setting. The slightly
higher offset accounts for the slope of the loop current limit
function.
Attention to detail should be exercised when programming
the transient current limit setting. If ring trip detect does not
occur while ringing, then re-examine the transient current
limit and ring trip threshold settings.
DC Loop Feed
The feedback mechanism for monitoring the DC portion of
the loop current is the loop detector. A low pass filter is used
in the feedback to block voice band signals from interfering
with the loop current limit function. The pole of the low pass
filter is set by the external capacitor CDC. The value of the
external capacitor should be 4.7
µF, 6.3V rated polarized or
non-polarized capacitor.
Most applications will operate the device from low battery
while off hook. The DC feed characteristic of the device will
drive Tip and Ring towards half battery to regulate the DC
loop current. For light loads or Long Loops, Tip will be near
-4V and Ring will be near VVBL + 5V. Figure 2 shows the DC
feed characteristic in terms of tip to ring voltage and loop
current.
The point on the y-axis labeled VTR(OC) is the open circuit
Tip to Ring voltage and is defined by the feed battery voltage
in Equation 6.
Figure 3 illustrates the actual loop current for a given set of
loop conditions. The loop conditions are determined by the
low battery voltage and the DC loop impedance. The DC
loop impedance is the sum of the protection resistance,
copper resistance (ohms/foot) and the telephone off hook
DC resistance.
The slope of the feed characteristic and the battery voltage
define the maximum loop current on the shortest possible
loop as the short circuit current ISC.
The term ILIM is the programmed current limit, 1760/RIL. The
line segment IA represents the constant current region of the
loop current limit function.
Process variations in the ISL5585 effect the ILIM and
11.11k
Ω slope in Equation 8. All units are tested with: a
300
Ω load across tip and ring, VBAT=-24V and ILIM set to
25mA. Equation 8 can be used to predict the ideal current at
this setting (25.76mA). All units are tested to be within
±8.5% of this ideal value (23.57mA to 27.95mA).
The maximum loop impedance for a programmed loop
current is defined as RKNEE.
When RKNEE is exceeded, the device will transition from
constant current feed to constant voltage or resistive feed.
The line segment IB represents the resistive feed portion of
the load characteristic
Impedance Matching
The impedance of the device is programmed with the
external component RS. RS is the gain setting resistor for
the Transmit Amplifier that provides impedance matching. If
complex impedance matching is required, then a complex
network can be substituted for RS.
The feedback mechanism for monitoring the AC portion of
the loop current consists of two amplifiers, the Sense
Amplifier (SA) and the Transmit Amplifier (TA). The AC
feedback signal is used for impedance synthesis. A detailed
model of the AC feed back loop is shown in Figure 4.
FIGURE 2. DC FEED CHARACTERISTIC
m = (
∆VTR/∆IL) = 11.1kΩ
ILOOP (mA)
ILIM
VTR(OC)
LONG LOOP
SHORT LOOP
V
TR OC
()
V
BL
9
=
(EQ. 6)
FIGURE 3. ILOOP vs. RLOOP LOAD CHARACTERISTIC
RLOOP (Ω)
RKNEE
ILIM
ISC
IA
IB
2RP
LONG LOOP
SHORT LOOP
m=11.11k
m=Vtr(oc)/Rloop
CONSTANT CURRENT
CONSTANT VOLTAGE
OR
RESISTIVE FEED
I
SC
I
LIM
V
TR OC
() 2RPILIM
11.11k
------------------------------------------------------
+
=
(EQ. 7)
I
A
I
LIM
V
TR OC
() RLOOPILIM
11.11k
--------------------------------------------------------------
+
=
(EQ. 8)
R
KNEE
V
TR OC
()
I
LIM
------------------------
=
(EQ. 9)
I
B
V
TR OC
()
R
LOOP
------------------------
=
(EQ. 10)
ISL5585


Numéro de pièce similaire - ISL5585

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
ISL5585AIM INTERSIL-ISL5585AIM Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585AIM RENESAS-ISL5585AIM Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
ISL5585AIMZ RENESAS-ISL5585AIMZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Description similaire - ISL5585

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com