Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5585 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL5585
Description  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL5585_04 Datasheet HTML 2Page - Intersil Corporation ISL5585_04 Datasheet HTML 3Page - Intersil Corporation ISL5585_04 Datasheet HTML 4Page - Intersil Corporation ISL5585_04 Datasheet HTML 5Page - Intersil Corporation ISL5585_04 Datasheet HTML 6Page - Intersil Corporation ISL5585_04 Datasheet HTML 7Page - Intersil Corporation ISL5585_04 Datasheet HTML 8Page - Intersil Corporation ISL5585_04 Datasheet HTML 9Page - Intersil Corporation ISL5585_04 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
2-Wire Return Loss
300Hz
-
24
-
dB
1kHz
-
40
-
dB
3.4kHz
-
21
-
dB
2-Wire Longitudinal Balance (Notes 5, 6)
300Hz to 1kHz
Forward Active, Grade A and B
58
62
-
dB
Forward Active, Grade C, D and E
53
59
-
dB
2-Wire Longitudinal Balance (Notes 5, 6)
1kHz to 3.4kHz
Forward Active, Grade A and B
54
58
-
dB
Forward Active, Grade C, D and E
53
58
-
dB
4-Wire Longitudinal Balance (Notes 5, 6)
300Hz to 1kHz
Forward Active, Grade A and B
58
67
-
dB
Forward Active, Grade C, D and E
53
64
-
dB
4-Wire Longitudinal Balance (Notes 5, 6)
1kHz to 3.4kHz
Forward Active, Grade A and B
54
66
-
dB
Forward Active, Grade C, D and E
53
63
-
dB
2-Wire to 4-Wire Level Linearity
4-Wire to 2-Wire Level Linearity
Referenced to -10dBm
+3 to -40dBm, 1kHz
-
±0.025
-
dB
-40 to -50dBm, 1kHz
-
±0.050
-
dB
-50 to -55dBm, 1kHz
-
±0.100
-
dB
Longitudinal Current Capability Per Wire
(Note 3)
OHT, Active
20
-
-
mARMS
4-Wire to 2-Wire Insertion Loss
-0.20
0.00
+0.20
dB
2-Wire to 4-Wire Insertion Loss
-6.22
-6.02
-5.82
dB
4-Wire to 4-Wire Insertion Loss
-6.22
-6.02
-5.82
dB
Forward Active Idle Channel Noise (Note 6)
2-Wire C-Message, T=25°C
-
10
13
dBrnC
4-Wire C-Message, T=25°C
-
4
7
dBrnC
Reverse Active Idle Channel Noise (Note 6) 2-Wire C-Message, T=25°C
-
10
13
dBrnC
4-Wire C-Message, T=25°C
-
4
7
dBrnC
DC PARAMETERS
Off Hook Loop Current Limit
Programming Accuracy(1% programming resistor)
-8.5
-
+8.5
%
Programming Range
15
-
45
mA
Off Hook Transient Current Limit
Programming Accuracy (1% programming resistor)
-20
-
+20
%
Programming Range
40
-
100
mA
Loop Current During Low Power Standby
Forward Polarity Only
18
-
26
mA
Open Circuit Voltage (|Tip - Ring|)
VBL=-16V
-
8.0
-
VDC
VBL=-24V
14
15.5
17
VDC
VBH > -60V
43
49
-
VDC
Low Power Standby, Open Circuit Voltage
(Tip - Ring)
VBL=-48V
-
44.5
-
VDC
VBH > -60V
43
51.5
-
VDC
Absolute Open Circuit Voltage
VRG in LPS and FA; VTG in RA; VBH > -60V
-
-53
-56
VDC
TEST ACCESS FUNCTIONS
Switch On Voltage
IOL=45mA
-
0.20
0.60
V
Loopback Max Battery (VBL or VBH)
-
-
52
V
Electrical Specifications
Unless Otherwise Specified, TA = -40°C to 85°C for industrial (I) grade and TA = 0°C to 85°C for commercial (C)
grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +3.3V, AGND = BGND = 0V, loop current limit = 25mA. All
AC transmission parameters are specified at 600W 2-wire terminating impedance over the frequency band of
300Hz to 3.4kHz. Protection resistors = 0W. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL5585
1


Numéro de pièce similaire - ISL5585_04

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5585AIM INTERSIL-ISL5585AIM Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585AIM RENESAS-ISL5585AIM Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
ISL5585AIMZ RENESAS-ISL5585AIMZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
ISL5585BIM INTERSIL-ISL5585BIM Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585BIM RENESAS-ISL5585BIM Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Description similaire - ISL5585_04

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com