Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5416 Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL5416
Description  Four-Channel Wideband Programmable DownConverter
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5416 Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL5416_04 Datasheet HTML 4Page - Intersil Corporation ISL5416_04 Datasheet HTML 5Page - Intersil Corporation ISL5416_04 Datasheet HTML 6Page - Intersil Corporation ISL5416_04 Datasheet HTML 7Page - Intersil Corporation ISL5416_04 Datasheet HTML 8Page - Intersil Corporation ISL5416_04 Datasheet HTML 9Page - Intersil Corporation ISL5416_04 Datasheet HTML 10Page - Intersil Corporation ISL5416_04 Datasheet HTML 11Page - Intersil Corporation ISL5416_04 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
8
SYNCInX Use
SYNCInX main purpose is as a processing start-up signal
after a reset to align the start of processing of multiple
channels or chips. This assures that the carrier phases have
a known relationship and that the output timing aligns for
multiplexing outputs. It can also be used after start-up as a
system timing synchronization signal. Two SYNCInX signals
are provided so that one can be used as a regularly
occurring signal (such as at time slot boundaries) and one
as an infrequent signal (such as at start up or at 1 pps). If
more than one air interface standard is processing in one
part, one SYNCInX signal could be used for the slot timing
for each standard.
Register updates from a processor write are synchronized to
the clock, so that the register updates in multiple channels of
the same part are time aligned. However, when
synchronizing multiple parts the processor will need
knowledge of the SYNCInX timing so that enabling the
SYNCInX in multiple parts occurs between SYNCInX pulses.
Alternatively, SYNCIn1 could be used as a regularly
occurring SYNCI signal and SYNCIn2 could be a gated
version. The channel processing control register might only
be updated on SYNCIn2 and the other SYNCI functions
would respond to SYNCIn1.
CLKC
CLKX
CLKC
CLKX
R1
R2
R3
R4
R1
R2
R3
R4
^
^
^
INTERPOLATE
SLOT#
R1
R2
R3
R4
CLK/CLK
M U X
M U X
CLKX/CLKC
CLKX
CLKC
FIGURE 1. INPUT SECTION
F
M
T
D
M
U
X
R
M
A
P
R
R
E
G
R
E
G
R
E
G
R
E
G
^
R
E
G
^
M
U
X
PROCESSING
ENABLE
TO CHANNELS
AND RANGE
CONTROL
TO SERIAL
FREQUENCY
OFFSET
CLK
MANTISSA
EXPONENT
DIN (ONLY)
OBIN
BUS REVERSE
FLOAT/FIX
(16:0)
(0:16)
ENIX
XIN(16:0)
NOTE: To simplify the board routing, each of the four input data busses can be reversed, MSB for LSB (see IWA = 0*00h, bit 4)
ISL5416


Numéro de pièce similaire - ISL5416_04

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5416EVAL INTERSIL-ISL5416EVAL Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416EVAL1 INTERSIL-ISL5416EVAL1 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
logo
Renesas Technology Corp
ISL5416EVAL1 RENESAS-ISL5416EVAL1 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
More results

Description similaire - ISL5416_04

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com