Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCP52 Datasheet(Fiches technique) 5 Page - Fairchild Semiconductor

Numéro de pièce BCP52
Description  PNP General Purpose Amplifier
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCP52 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  BCP52_00 Datenblatt HTML 1Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 2Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 3Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 4Page - Fairchild Semiconductor BCP52_00 Datasheet HTML 5Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 6Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 7Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOT-223
(12mm)
6.83
+/-0.10
7.42
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.50
+/-0.10
1.75
+/-0.10
10.25
min
5.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
1.88
+/-0.10
0.292
+/-
0.0130
9.5
+/-0.025
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
12mm
7" Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
5.906
150
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
12mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
7.00
178
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOT-223 Embossed Carrier Tape
Configuration: Figure 3.0
SOT-223 Reel Configuration: Figure 4.0
SOT-223 Tape and Reel Data, continued
July 1999, Rev. B


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
2N3703_02PNP General Purpose Amplifier 1 2 3 Fairchild Semiconductor
BC307EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE LOW NOISE AMPLIFIER 1 2 KEC(Korea Electronics)
2N5400_01PNP General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
PN2907_1PNP General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N3905_01PNP General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
MMBT2907APNP GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2N4403PNP GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 Unisonic Technologies
2N3906_01PNP General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2SA1774_06PNP Silicon General Purpose Amplifier Transistor 1 2 3 4 ON Semiconductor
MMBT4403PNP GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 Unisonic Technologies

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn