Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCP52 Datasheet(Fiches technique) 3 Page - Fairchild Semiconductor

Numéro de pièce BCP52
Description  PNP General Purpose Amplifier
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCP52 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BCP52_00 Datenblatt HTML 1Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 2Page - Fairchild Semiconductor BCP52_00 Datasheet HTML 3Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 4Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 5Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 6Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 7Page - Fairchild Semiconductor BCP52_00 Datenblatt HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Power Dissipation vs
Ambient Temperature
0
255075
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
TEMPERATURE ( C)
o
SOT-223
Typical Characteristics (continued)
Collector-Base Capacitance
vs Collector-Base Voltage
0
4
8
1216
2024
28
0
10
20
30
40
V
- COLLECTOR-BASE VOLTAGE (V)
CB
f = 1.0 MHz
Gain Bandwidth Product
vs Collector Current
1
10
100
1000
0
50
100
150
200
250
I - COLLECTOR CURRENT (mA)
C
V
= 10V
CE
Collector-Cut off Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
100
T
- AM BIENT TE MPERATURE ( C)
A
V
= 4 0V
CB
°
Base-Emitter Saturation
Voltage vs Collector Current
1
10
100
1000
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT ( mA)
C
β = 10
125 °C
- 40 °C
25 °C
Base-Emitter ON Voltage vs
Collector Current
1
10
100
1000
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
125 °C
- 40 °C
25 °C
C
V
= 5V
CE
PNP General Purpose Amplifier
(continued)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
2N3703_02PNP General Purpose Amplifier 1 2 3 Fairchild Semiconductor
BC307EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE LOW NOISE AMPLIFIER 1 2 KEC(Korea Electronics)
2N5400_01PNP General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
PN2907_1PNP General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N3905_01PNP General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
MMBT2907APNP GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2N4403PNP GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 Unisonic Technologies
2N3906_01PNP General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2SA1774_06PNP Silicon General Purpose Amplifier Transistor 1 2 3 4 ON Semiconductor
MMBT4403PNP GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 Unisonic Technologies

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn