Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAY72 Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce BAY72
Description  Small Signal Diode
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
BAY72, Rev. A
BAY72
Small Signal Diode
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
DO-35
Color Band Denotes Cathode
2002 Fairchild Semiconductor Corporation
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
V
RRM
Maximum Repetitive Reverse Voltage
125
V
I
F(AV)
Average Rectified Forward Current
200
mA
I
FSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
T
stg
Storage Temperature Range
-65 to +200
°C
T
J
Operating Junction Temperature
175
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Symbol
Parameter
Test Conditions
Min
Max
Units
V
R
Breakdown Voltage
I
R = 100 µA
125
V
V
F
Forward Voltage
I
F = 1.0 mA
I
F = 10 mA
I
F = 50 mA
I
F = 100 mA
0.51
0.63
0.73
0.78
0.64
0.78
0.92
1.0
V
V
V
V
I
R
Reverse Current
V
R = 100 V
V
R = 100 V, TA = 125°C
100
100
nA
µA
CT
Total Capacitance
VR = 0, f = 1.0 MHz
5
pF
trr1
Reverse Recovery Time
IF = IR = 30 mA, Irr = 1.0 mA
50
ns
trr2
Reverse Recovery Time
IF = 30 mA, VR = 35 V
400
ns




Html Pages

1  2 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
1N456A_0412Small Signal Diode 1 2 Fairchild Semiconductor
1N459_0412Small Signal Diode 1 2 Fairchild Semiconductor
LL4148Small Signal Diode 1 2 3 4 5 Fairchild Semiconductor
BAV19_01Small Signal Diode 1 2 3 4 Fairchild Semiconductor
BAS19Small Signal Diode 1 2 Fairchild Semiconductor
BAV23S_06Small Signal Diode 1 2 3 4 5 Fairchild Semiconductor
BAS20Small Signal Diode 1 2 Fairchild Semiconductor
BAV70_04Small Signal Diode 1 2 Fairchild Semiconductor
BAV99WT1GSmall Signal Diode 1 2 3 Fairchild Semiconductor
BAW56_01Small Signal Diode 1 2 Fairchild Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl