Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5314 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL5314
Description  Direct Digital Synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5314 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL5314_05 Datasheet HTML 1Page - Intersil Corporation ISL5314_05 Datasheet HTML 2Page - Intersil Corporation ISL5314_05 Datasheet HTML 3Page - Intersil Corporation ISL5314_05 Datasheet HTML 4Page - Intersil Corporation ISL5314_05 Datasheet HTML 5Page - Intersil Corporation ISL5314_05 Datasheet HTML 6Page - Intersil Corporation ISL5314_05 Datasheet HTML 7Page - Intersil Corporation ISL5314_05 Datasheet HTML 8Page - Intersil Corporation ISL5314_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
where N = 1–5 (for 8–40 bit serial data) and fCLK is the DDS
clock rate. Three extra SCLKs are required (one for the SYNC
pulse plus two additional for register transfer). The latency in
seconds depends on how many bits of serial data are being
written and the speeds of both clocks. The center and offset
frequency registers cannot be written using the serial pins.
They must be programmed using the parallel interface.
In order to use the three wire serial interface in a mode that is
not the default mode, the parallel control bus must be used to
reprogram register 12. Register 12 can be set according to the
desired options of the serial interface that are described in the
register description table. Since the serial register defaults
enabled, it must be disabled in register 13 (bit 6) if it is not used.
Register 14
The parallel control bus must be used to program register 14
with 0x00h or 0x30h after assertion of RESET. See the Control
Register table in the back of the datasheet for more information.
Control Pins
There are three control pins provided for phase and frequency
control. The PH0 and PH1 pins select phase offsets of 0, 90,
180, and 270 degrees and can be used for low speed,
unfiltered BPSK or QPSK modulation. These pins can also be
used for providing sine/cosine when using two ISL5314s
together as quadrature local oscillators. The ENOFR pin
enables or zeros the offset frequency word to the phase
accumulator and can be used for FSK or MSK modulation.
These control pins and the UPDATE pin are passed through
special cells to minimize the probability of metastability. Writing
anything to register 15 behaves like an UPDATE so that the
user can save one control pin if desired.
Reset
A RESET pin is available which resets all registers to their
defaults. Register 14 must always be written with 0x00h or
0x30h after a RESET. In order to reset the part, the user must
take the RESET pin low, allow at least one CLK rising edge,
and then take the RESET pin high again. The latency from
the RESET pin going high until the output reflects the reset
is eleven CLK cycles. See the register description table in
the back of the data sheet for the default states of all bits in
all registers. After RESET goes high, one rising edge of CLK
is required before the control registers can be written to
again. The center frequency register resets to fCLK/4. The
offset frequency register resets to an unknown frequency but
is disabled. The serial frequency register resets to an
unknown frequency and is enabled. If the serial register is
not used, disable it in register 13 using the parallel interface.
Comparator
A comparator is provided for square wave output generation.
The user can take the DDS analog output, filter it, and then
send it back into the comparator. A square wave will be
generated at the comparator output (COMPOUT pin) at an
amplitude level that is dependent on the digital power supply
(DVDD). The comparator was designed to operate at speeds
comparable to the DDS output frequency range (approximately
0–50MHz). It is not intended for low jitter applications (<0.5ns).
The comparator has a sleep mode that is activated by
connecting both inputs (IN- and IN+) to the analog power
supply plane. This will save approximately 4mA of current (as
shown in the Typical Application Circuit). If the comparator is
not used, leave the COMPOUT pin floating.
DAC Voltage Reference
The internal voltage reference for the DAC has a nominal
value of +1.2V with a
±60ppm/oC drift coefficient over the
full temperature range of the converter. It is recommended
that a 0.1
µF capacitor be placed as close as possible to the
REFIO pin, connected to the analog ground. The REFLO pin
(11) selects the reference. The internal reference can be
selected if pin 11 is tied low (ground). If an external reference
is desired, then pin 11 should be tied high (the analog supply
voltage) and the external reference driven into REFIO, pin
12. The full-scale output current of the converter is a function
of the voltage reference used and the value of RSET. IOUT
should be within the 2mA–20mA range, though operation
below 2mA is possible, with performance degradation.
If the internal reference is used, VFSADJ will equal
approximately 1.2V (pin 13). If an external reference is used,
VFSADJ will equal the external reference.
IOUT(Full Scale) = (VFSADJ/RSET) X 32.
TABLE 1. FREQUENCY CONTROL BIT ALIGNMENTS
48 Bits
(Individual Bit Alignment)
4444 4444
3333 3333
3322 2222
2222 1111
1111 1100
0000 0000
7654 3210
9876 5432
1098 7654
3210 9876
5432 1098
7654 3210
Phase Accumulator
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
Center Frequency
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
Offset Frequency
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
Serial Frequency, 8 Bits
xxxx xxxx
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
Serial Frequency, 16 Bits
xxxx xxxx
xxxx xxxx
0000 0000
0000 0000
0000 0000
0000 0000
Serial Frequency, 24 Bits
xxxx xxxx
xxxx xxxx
xxxx xxxx
0000 0000
0000 0000
0000 0000
Serial Frequency, 32 Bits
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
0000 0000
0000 0000
Serial Frequency, 40 Bits
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
0000 0000
ISL5314


Numéro de pièce similaire - ISL5314_05

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5314EVAL2 INTERSIL-ISL5314EVAL2 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314EVAL2 RENESAS-ISL5314EVAL2 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Intersil Corporation
ISL5314INZ INTERSIL-ISL5314INZ Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314INZ RENESAS-ISL5314INZ Datasheet
729Kb / 17P
   Direct Digital Synthesizer
More results

Description similaire - ISL5314_05

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Analog Devices
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
   CMOS Direct Digital Synthesizer
AD9910 AD-AD9910_16 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
   CommLinkTM Direct Digital Synthesizer
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
   CommLinkTM Direct Digital Synthesizer
logo
Analog Devices
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
logo
Renesas Technology Corp
HSP45314 RENESAS-HSP45314 Datasheet
1Mb / 14P
   CommLinkTM Direct Digital Synthesizer
Jan 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com