Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHCT374AN Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74VHCT374AN
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT374AN Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74VHCT374AN Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT374AN Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT374AN Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT374AN Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT374AN Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT374AN Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT374AN Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT374AN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Parameter guaranteed by design. tOSLH
|tPLH max  tPLH min|; tOSHL
|tPHL max  tPHL min|
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.)
CPD * VCC * fIN  ICC/8 (per F/F). The total CPD when n pcs. of the octal D Flip-Flop operates
can be calculated by the equation: CPD(total) 20  12m.
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Time
5.0
r 0.5
4.1
9.4
1.0
10.5
ns
CL 15 pF
tPHL
5.6
10.4
1.0
11.5
CL 50 pF
tPZL
3-STATE Output Enable Time
5.0
r 0.5
6.5
10.2
1.0
11.5
ns
RL 1 k: CL 15 pF
tPZH
7.3
11.2
1.0
12.5
CL 50 pF
tPLZ
3-STATE Output Disable Time
5.0
r 0.5
7.0
11.2
1.0
12.0
ns
RL 1 k: CL 50 pF
tPHZ
tOSLH
Output to Output Skew
5.0
r 0.5
1.0
1.0
(Note 8)
tOSHL
fMAX
Maximum Clock Frequency
5.0
r 0.5
90
140
80
MHz
CL 15 pF
85
130
75
CL 50 pF
CIN
Input
4
10
10
pF
VCC Open
Capacitance
COUT
Output Capacitance
9
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
25
pF
(Note 9)
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
tW(H)
Minimum Pulse
5.0
r 0.5
6.5
8.5
ns
tW(L)
Width (CP)
tS
Minimum Set-up Time
5.0
r 0.5
2.5
2.5
ns
tH
Minimum Hold Time
5.0
r 0.5
2.5
2.5


Numéro de pièce similaire - 74VHCT374AN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHCT374AN FAIRCHILD-74VHCT374AN Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Description similaire - 74VHCT374AN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com