Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCX162374MTD Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74VCX162374MTD
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162374MTD Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74VCX162374MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCX162374MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 5: Outputs disabled or 3-STATE only.
AC Electrical Characteristics (Note 6)
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
IOL 6 mA
2.7
0.4
IOL 8 mA
3.0
0.55
IOL 12 mA
3.0
0.8
IOL 100 PA
2.3 - 2.7
0.2
IOL 6 mA
2.3
0.4
IOL 8 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 3 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 1 mA
1.4
0.35
II
Input Leakage Current
0
d VI d 3.6V
1.4 - 3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 3.6V, VI VIH or VIL
1.4 - 3.6
r10.0
PA
IOFF
Power-OFF Leakage Current
0
d (VI, VO) d 3.6V
0
10.0
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.4 - 3.6
20.0
PA
VCC d (VI, VO) d 3.6V (Note 5)
1.4 - 3.6
r20.0
'ICC
Increase in ICC per Input
VIH VCC  0.6V
2.7 - 3.6
750
PA
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
fMAX
Maximum Clock Frequency
CL 30 pF, RL 500:
3.3
r 0.3
250
ns
2.5
r 0.2
200
1.8
r 0.15
100
CL 15 pF, RL 2k:
1.5
r 0.1
80
tPHL
Propagation Delay
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.4
ns
Figures
1, 2
tPLH
CPn to On
2.5
r 0.2
1.0
4.8
1.8
r 0.15
1.5
9.6
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
19.2
Figures
7, 8
tPZL
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.9
ns
Figures
1, 3, 4
tPZH
2.5
r 0.2
1.0
5.4
1.8
r 0.15
1.5
9.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
19.6
Figures
7, 9, 10
tPLZ
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
4.0
ns
Figures
1, 3, 4
tPHZ
2.5
r 0.2
1.0
4.4
1.8
r 0.15
1.5
7.9
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
15.8
Figures
7, 9, 10
tS
Setup Time
CL 30 pF, RL 500:
3.3
r 0.3
1.5
ns
Figures
1, 6
2.5
r 0.2
1.5
1.8
r 0.15
2.5
CL 15 pF, RL 2k:
1.5
r 0.1
3.0
Figures
6, 7
tH
Hold Time
CL 30 pF, RL 500:
3.3
r 0.3
1.0
ns
Figures
1, 6
2.5
r 0.2
1.0
1.8
r 0.15
1.0
CL 15 pF, RL 2k:
1.5
r 0.1
2.0
Figures
6, 7


Numéro de pièce similaire - 74VCX162374MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX162374MTD FAIRCHILD-74VCX162374MTD Datasheet
151Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
More results

Description similaire - 74VCX162374MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ALVC162374 FAIRCHILD-74ALVC162374 Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCX162374 FAIRCHILD-74LCX162374_05 Datasheet
132Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
151Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162245 FAIRCHILD-74VCX162245 Datasheet
146Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com