Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX760 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LCX760
Description  Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX760 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LCX760 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX760 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX760 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX760 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX760 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX760 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX760 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX760 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX760 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 6: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA 40qC to 85qC, RL 500:
Units
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2
CL 50 pF
CL 50 pF
CL 30 pF
Min
Max
Min
Max
Min
Max
tPZL
Propagation Delay
0.5
8.0
0.5
9.0
0.5
10.0
ns
tPLZ
Data to Output
0.5
7.0
0.5
8.0
0.5
8.4
tPZL
Output Enable Time
0.5
8.0
0.5
9.0
0.5
10.0
ns
OEn to Out
tPLZ
Output Disable Time
0.5
7.0
0.5
8.0
0.5
8.4
ns
OEn to Out
tOSHL
Output to Output Skew
1.0
ns
tOSLH
(Note 6)
1.0
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC Open, VI 0V or VCC
7pF
COUT
Output Capacitance
VCC 3.3V, VI 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC 3.3V, VI 0V or VCC, f 10 MHz
10
pF


Numéro de pièce similaire - 74LCX760

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX760 FAIRCHILD-74LCX760 Datasheet
98Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
ON Semiconductor
74LCX760 ONSEMI-74LCX760 Datasheet
219Kb / 12P
   Low Voltage Buffer/Line Driver 5V Tolerant Inputs and Open Drain Outputs
Revised March 2005
logo
Fairchild Semiconductor
74LCX760MSA FAIRCHILD-74LCX760MSA Datasheet
98Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
ON Semiconductor
74LCX760MSA ONSEMI-74LCX760MSA Datasheet
219Kb / 12P
   Low Voltage Buffer/Line Driver 5V Tolerant Inputs and Open Drain Outputs
Revised March 2005
logo
Fairchild Semiconductor
74LCX760MTC FAIRCHILD-74LCX760MTC Datasheet
98Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
More results

Description similaire - 74LCX760

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX760 FAIRCHILD-74LCX760 Datasheet
98Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
ON Semiconductor
74LCX760 ONSEMI-74LCX760 Datasheet
219Kb / 12P
   Low Voltage Buffer/Line Driver 5V Tolerant Inputs and Open Drain Outputs
Revised March 2005
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
logo
Fairchild Semiconductor
74LCX244 FAIRCHILD-74LCX244 Datasheet
432Kb / 12P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com