Moteur de recherche de fiches techniques de composants électroniques |
|
74F821SPC Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
74F821SPC Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page © 2000 Fairchild Semiconductor Corporation DS009595 www.fairchildsemi.com April 1988 Revised October 2000 74F821 10-Bit D-Type Flip-Flop General Description The 74F821 is a 10-bit D-type flip-flop with 3-STATE true outputs arranged in a broadside pinout. Features s 3-STATE Outputs Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Logic Symbols IEEE/IEC Connection Diagram Order Number Package Number Package Description 74F821SC M24B 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 74F821SPC N24C 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide |
Numéro de pièce similaire - 74F821SPC |
|
Description similaire - 74F821SPC |