Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F112 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74F112
Description  Dual JK Negative Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F112 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74F112 Datasheet HTML 1Page - Fairchild Semiconductor 74F112 Datasheet HTML 2Page - Fairchild Semiconductor 74F112 Datasheet HTML 3Page - Fairchild Semiconductor 74F112 Datasheet HTML 4Page - Fairchild Semiconductor 74F112 Datasheet HTML 5Page - Fairchild Semiconductor 74F112 Datasheet HTML 6Page - Fairchild Semiconductor 74F112 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Truth Table
H (h)
= HIGH Voltage Level
L (l)
= LOW Voltage Level
X
= Immaterial
 = HIGH-to-LOW Clock Transition
Q0(Q0) = Before HIGH-to-LOW Transition of Clock
Lower case letters indicate the state of the referenced input or output one setup time prior to the HIGH-to-LOW clock transition.
Logic Diagram
(One Half Shown)
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
J1, J2, K1, K2
Data Inputs
1.0/1.0
20
µA/−0.6 mA
CP1, CP2
Clock Pulse Inputs (Active Falling Edge)
1.0/4.0
20
µA/−2.4 mA
CD1, CD2
Direct Clear Inputs (Active LOW)
1.0/5.0
20
µA/−3.0 mA
SD1, SD2
Direct Set Inputs (Active LOW)
1.0/5.0
20
µA/−3.0 mA
Q1, Q2, Q1, Q2 Outputs
50/33.3
−1 mA/20 mA
Inputs
Outputs
SD
CD
CP
JK
Q
Q
LH
X
X
X
H
L
HL
X
X
X
L
H
LL
X
X
X
H
H
HH

hh
Q0
Q0
HH

lh
L
H
HH

hl
H
L
HH

ll
Q0
Q0


Numéro de pièce similaire - 74F112

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F112 PHILIPS-74F112 Datasheet
83Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1990 Feb 09
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112PC FAIRCHILD-74F112PC Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112SC FAIRCHILD-74F112SC Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112SJ FAIRCHILD-74F112SJ Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
More results

Description similaire - 74F112

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN5474LS114A MOTOROLA-SN5474LS114A Datasheet
149Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN74LS113A MOTOROLA-SN74LS113A Datasheet
88Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com