Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACTQ153 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74ACTQ153
Description  Quiet Series Dual 4-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ153 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ153 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ153 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ153 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ153 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ153 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ153 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ153 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
 circuits outside databook specifications.
DC Electrical Characteristics
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: Worst case package.
Note 5: Max number of outputs defined as (n). Data Inputs are driven 0V to 5V. One Data Input @ VIN = GND.
Note 6: Max number of Data Inputs (n) switching. (n
−1) inputs switching 0V to 5V. Input-under-test switching:
5V to threshold (VILD), 0V to threshold (VIHD), f = 1 MHz.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or Sink Current
±300 mA
Junction Temperature (TJ)
PDIP
140
°C
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate
∆V/∆t
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
V
VIN = VIL or VIH
4.5
3.86
3.76
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 2)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
V
VIN = VIL or VIH
4.5
0.36
0.44
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 2)
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
µAV
I = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
µAV
I = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
8.0
80.0
µAV
IN = VCC or GND
VOLP
Maximum HIGH Level
5.0
1.1
1.5
V
Figures 1, 2
Output Noise
(Note 4)(Note 5)
VOLV
Maximum LOW Level Output Noise
5.0
−0.6
−1.2
V
Figures 1, 2
VIHD
Minimum HIGH Level Dynamic Input Voltage
5.0
1.9
2.2
V
(Note 4)(Note 6)
VILD
Maximum LOW Level Dynamic Input Voltage
5.0
1.2
0.8
V
(Note 4)(Note 6)


Numéro de pièce similaire - 74ACTQ153

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ153 FAIRCHILD-74ACTQ153 Datasheet
100Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
74ACTQ153PC FAIRCHILD-74ACTQ153PC Datasheet
100Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
74ACTQ153SC FAIRCHILD-74ACTQ153SC Datasheet
100Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
More results

Description similaire - 74ACTQ153

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ153 FAIRCHILD-74ACTQ153 Datasheet
100Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com