Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACTQ573 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce 74ACTQ573
Description  Quiet Series??Octal Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ573 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ACTQ573 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ573 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ573 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ573 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ573 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ573 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ573 Datasheet HTML 9Page - Fairchild Semiconductor 74ACTQ573 Datasheet HTML 10Page - Fairchild Semiconductor 74ACTQ573 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ573, 74ACTQ573 Rev. 1.5
7
AC Electrical Characteristics for ACTQ
Note:
13. Voltage range 5.0 is 5.0V ± 0.5V.
14. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate
outputs of the same device. The specification applies to any outputs switching in the same direction, either
HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements for ACTQ
Notes:
15. Voltage range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(13)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay,
Dn to On
5.0
2.0
6.5
7.5
2.0
8.0
ns
tPLH, tPHL
Propagation Delay,
LE to On
5.0
2.5
7.0
8.5
2.5
9.0
ns
tPZL, tPZH
Output Enable Time
5.0
2.0
7.0
9.0
2.0
9.5
ns
tPHZ, tPLZ
Output Disable Time
5.0
1.0
8.0
10.0
1.0
10.5
ns
tOSHL, tOSLH Output to Output Skew,
Dn to On
(14)
5.0
0.5
1.0
1.0
ns
Symbol
Parameter
VCC (V)
(15)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to LE
5.0
0
3.0
3.0
ns
tH
Hold Time, HIGH or LOW,
Dn to LE
5.0
0
1.5
1.5
ns
tW
LE Pulse Width, HIGH
5.0
2.0
4.0
4.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
42.0
pF


Numéro de pièce similaire - 74ACTQ573

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ573 FAIRCHILD-74ACTQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ573MTC FAIRCHILD-74ACTQ573MTC Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ573MTCX FAIRCHILD-74ACTQ573MTCX Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ573PC FAIRCHILD-74ACTQ573PC Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ573PCX FAIRCHILD-74ACTQ573PCX Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
More results

Description similaire - 74ACTQ573

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com