Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74ACQ373 Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce 74ACQ373
Description  Quiet Series™ Octal Transparent Latch with 3-STATE Outputs
Télécharger  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ373 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ACQ373 Datenblatt HTML 1Page - Fairchild Semiconductor 74ACQ373 Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 3Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 4Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 5Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 6Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 7Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 8Page - Fairchild Semiconductor 74ACQ373 Datenblatt HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ373, 74ACTQ373 Rev. 1.3
2
Logic Symbol
IEEE/IEC
Functional Description
The ACQ/ACTQ373 contains eight D-type latches with
3-STATE standard outputs. When the Latch Enable (LE)
input is HIGH, data on the Dn inputs enters the latches.
In this condition the latches are transparent, i.e., a latch
output will change state each time its D input changes.
When LE is LOW, the latches store the information that
was present on the D inputs at setup time preceding the
HIGH-to-LOW transition of LE. The 3-STATE standard
outputs are controlled by the Output Enable (OE) input.
When OE is LOW, the standard outputs are in the
2-state mode. When OE is HIGH, the standard outputs
are in the high impedance mode but this does not inter-
fere with entering new data into the latches.
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Z
= High Impedance
X
= Immaterial
O0 = Previous O0 before HIGH-to-LOW transition of
Latch Enable
Inputs
Outputs
LE
OE
Dn
On
X
H
X
Z
H
L
L
L
H
L
H
H
L
L
X
O0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13